Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VX38IB256 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT86VX38IB256
Description  8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VX38IB256 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT86VX38IB256 Datasheet HTML 3Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 4Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 5Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 6Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 7Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 8Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 9Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 10Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 200 page
background image
XRT86VX38
4
REV. 1.0.1
8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
DESCRIPTION OF THE CONTROL REGISTERS - T1 MODE
All address on this register description is shown in HEX format.
TABLE 1: REGISTER SUMMARY
FUNCTION
SYMBOL
HEX
Control Registers (0xN100 - 0xN1FF)
Clock and Select Register
CSR
0xN100
Line Interface Control Register
LICR
0xN101
Reserved
-
0xN102 - 0xN106
Framing Select Register
FSR
0xN107
Alarm Generation Register
AGR
0xN108
Synchronization MUX Register
SMR
0xN109
Transmit Signaling and Data Link Select Register
TSDLSR
0xN10A
Framing Control Register
FCR
0xN10B
Receive Signaling & Data Link Select Register
RSDLSR
0xN10C
Receive Signaling Change Register 0
RSCR0
0xN10D
Receive Signaling Change Register 1
RSCR1
0xN10E
Receive Signaling Change Register 2
RSCR2
0xN10F
Reserved - E1 mode only
-
0xN110 -
0xN111
Receive In-Frame Register
RIFR
0xN112
Data Link Control Register 1
DLCR1
0xN113
Transmit Data Link Byte Count Register 1
TDLBCR1
0xN114
Receive Data Link Byte Count Register 1
RDLBCR1
0xN115
Slip Buffer Control Register
SBCR
0xN116
FIFO Latency Register
FIFOLR
0xN117
DMA 0 (Write) Configuration Register
D0WCR
0xN118
DMA 1 (Read) Configuration Register
D1RCR
0xN119
Interrupt Control Register
ICR
0xN11A
LAPD Select Register
LAPDSR
0xN11B
Customer Installation Alarm Generation Register
CIAGR
0xN11C
Performance Report Control Register
PRCR
0xN11D
Gapped Clock Control Register
GCCR
0xN11E
Transmit Interface Control Register
TICR
0xN120
BERT Control & Status - Register 0
BERTCSR0
0xN121
Receive Interface Control Register
RICR
0xN122


Similar Part No. - XRT86VX38IB256

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VX38IB256 EXAR-XRT86VX38IB256 Datasheet
1Mb / 185P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38IB256 EXAR-XRT86VX38IB256 Datasheet
551Kb / 53P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
More results

Similar Description - XRT86VX38IB256

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VX38A EXAR-XRT86VX38A Datasheet
731Kb / 191P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38 EXAR-XRT86VX38 Datasheet
1Mb / 185P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_2 Datasheet
2Mb / 160P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_2 Datasheet
2Mb / 155P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_2 Datasheet
2Mb / 156P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_1 Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com