Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L34 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT91L34
Description  QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L34 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT91L34 Datasheet HTML 7Page - Exar Corporation XRT91L34 Datasheet HTML 8Page - Exar Corporation XRT91L34 Datasheet HTML 9Page - Exar Corporation XRT91L34 Datasheet HTML 10Page - Exar Corporation XRT91L34 Datasheet HTML 11Page - Exar Corporation XRT91L34 Datasheet HTML 12Page - Exar Corporation XRT91L34 Datasheet HTML 13Page - Exar Corporation XRT91L34 Datasheet HTML 14Page - Exar Corporation XRT91L34 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
XRT91L34
11
REV. 1.0.1
QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR
SERIAL MICROPROCESSOR INTERFACE
NAME
LEVEL
TYPE
PIN
DESCRIPTION
HOST/HW
LVTTL,
LVCMOS
I
122
Host or Hardware Mode Select Input
The XRT91L34 offers two modes of operation for interfacing to the
device. The Host mode uses a serial microprocessor interface for
programming individual registers. The Hardware mode is controlled
by the state of the hardware pins set by the user. When left uncon-
nected, by default, the device is configured in the Hardware mode.
"Low" = Hardware Mode
"High" = Host Mode
This pin is provided with an internal pull-down.
CS
LVTTL,
LVCMOS
I
38
Chip Select Input (Host Mode)
Active "Low" signal. This signal enables the serial microprocessor
interface by pulling chip select "Low". The serial microprocessor is
disabled when the chip select signal returns "High".
NOTES:
1.
The serial microprocessor interface does not support burst
mode. Chip Select must be de-asserted after each
operation cycle.
2.
Chip Select is only active in Host Mode.
This pin is provided with an internal pull-up.
SCLK
LVTTL,
LVCMOS
I
37
Serial Clock Input (Host Mode Only)
Once CS is pulled "Low", the serial microprocessor interface
requires 16 clock cycles for a complete Read or Write operation.
Serial Clock Input is only active in Host Mode.
This pin is provided with an internal pull-down.
DLOSDIS
/SDI
LVTTL,
LVCMOS
I
39
Serial Data Input (Host Mode Only)
When CS is pulled "Low", the serial data input is sampled on the ris-
ing edge of SCLK.
Serial Data Input is only active in Host Mode.
This pin is provided with an internal pull-down.
Hardware Mode This pin is functions as the DLOSDIS control pin.
SDO
LVCMOS
O
40
Serial Data Output (Host Mode Only)
If a Read function is initiated, the serial data output is updated on
the falling edge of SCLK8 through SCLK15, with the LSB (D0)
updated first. This enables the data to be sampled on the rising
edge of SCLK9 through SCLK16.
Serial Data Output is only active in Host Mode.
INT
LVCMOS
O
41
Interrupt Output (Host Mode Only)
Active "Low" signal. This signal is asserted "Low" when a change in
alarm status occurs. Once the status registers have been read, the
interrupt pin will return "High".
Interrupt Output is only active in Host Mode.
NOTE:
This open-drain output pin requires an external pull-up
resistor.


Similar Part No. - XRT91L34

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L34IVF EXAR-XRT91L34IVF Datasheet
166Kb / 2P
   China RoHS Fully Compliant
More results

Similar Description - XRT91L34

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30_0611 EXAR-XRT91L30_0611 Datasheet
694Kb / 39P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31 EXAR-XRT91L31_08 Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L32 EXAR-XRT91L32 Datasheet
650Kb / 37P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
List of Unclassifed Man...
SI5013 ETC1-SI5013 Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Silicon Laboratories
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5013 SILABS-SI5013 Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
   SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com