Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L34IV-F Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT91L34IV-F
Description  QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L34IV-F Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT91L34IV-F Datasheet HTML 6Page - Exar Corporation XRT91L34IV-F Datasheet HTML 7Page - Exar Corporation XRT91L34IV-F Datasheet HTML 8Page - Exar Corporation XRT91L34IV-F Datasheet HTML 9Page - Exar Corporation XRT91L34IV-F Datasheet HTML 10Page - Exar Corporation XRT91L34IV-F Datasheet HTML 11Page - Exar Corporation XRT91L34IV-F Datasheet HTML 12Page - Exar Corporation XRT91L34IV-F Datasheet HTML 13Page - Exar Corporation XRT91L34IV-F Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
XRT91L34
10
QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR
REV. 1.0.1
POWER AND GROUND
NAME
TYPE
PIN
DESCRIPTION
AVDD1.8
PWR
42, 57, 58, 104, 105,
123
1.8V Analog Core Power Supply
AVDD1.8 should be isolated from DVDD1.8 and 3.3V VDD_IO
power supplies. For best results, use a ferrite bead along with an
internal power plane separation. The AVDD1.8 power supply pins
should have bypass capacitors to the nearest ground.
DVDD1.8
PWR
51, 112
1.8V Digital Core Power Supply
DVDD1.8 should be isolated from AVDD1.8 and 3.3V VDD_IO
power supplies. For best results, use an internal power plane
separation. The DVDD1.8 power supply pins should have bypass
capacitors to the nearest ground.
VDD_IO
PWR
5, 6, 13, 14, 19, 20, 27,
28, 65, 66, 73, 74, 87,
88, 95, 96
3.3V Input/Output Bus Power Supply
These pins require a 3.3V potential voltage for properly biasing
the Differential LVDS/Differential LVPECL and LVCMOS/LVTTL
input and output pins.
VDD_IO should be isolated from the AVDD1.8 and DVDD1.8
Core power supplies. For best results, use a ferrite bead along
with an internal power plane separation. The VDD_IO power sup-
ply pins should have bypass capacitors to the nearest ground.
GND_IO
GND
7, 8, 15, 16, 17, 18, 25,
26, 69, 70, 77, 78, 83,
84, 91, 92
Ground for 3.3V VDD Input/Output Power Supplies
It is recommended that all ground pins of this device be tied
together.
GND
GND
43, 52, 61, 62, 100, 101,
110, 111, 121
Power Supply and Thermal Ground
It is recommended that all ground pins of this device be tied
together.
NC
1, 2, 9, 10, 23, 24, 31,
32, 97, 128
No Connect


Similar Part No. - XRT91L34IV-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L34IVF EXAR-XRT91L34IVF Datasheet
166Kb / 2P
   China RoHS Fully Compliant
More results

Similar Description - XRT91L34IV-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30_0611 EXAR-XRT91L30_0611 Datasheet
694Kb / 39P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31 EXAR-XRT91L31_08 Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L32 EXAR-XRT91L32 Datasheet
650Kb / 37P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
List of Unclassifed Man...
SI5013 ETC1-SI5013 Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Silicon Laboratories
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5013 SILABS-SI5013 Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
   SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com