Electronic Components Datasheet Search |
|
XRT91L34IV-F Datasheet(PDF) 11 Page - Exar Corporation |
|
XRT91L34IV-F Datasheet(HTML) 11 Page - Exar Corporation |
11 / 38 page XRT91L34 11 REV. 1.0.1 QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR SERIAL MICROPROCESSOR INTERFACE NAME LEVEL TYPE PIN DESCRIPTION HOST/HW LVTTL, LVCMOS I 122 Host or Hardware Mode Select Input The XRT91L34 offers two modes of operation for interfacing to the device. The Host mode uses a serial microprocessor interface for programming individual registers. The Hardware mode is controlled by the state of the hardware pins set by the user. When left uncon- nected, by default, the device is configured in the Hardware mode. "Low" = Hardware Mode "High" = Host Mode This pin is provided with an internal pull-down. CS LVTTL, LVCMOS I 38 Chip Select Input (Host Mode) Active "Low" signal. This signal enables the serial microprocessor interface by pulling chip select "Low". The serial microprocessor is disabled when the chip select signal returns "High". NOTES: 1. The serial microprocessor interface does not support burst mode. Chip Select must be de-asserted after each operation cycle. 2. Chip Select is only active in Host Mode. This pin is provided with an internal pull-up. SCLK LVTTL, LVCMOS I 37 Serial Clock Input (Host Mode Only) Once CS is pulled "Low", the serial microprocessor interface requires 16 clock cycles for a complete Read or Write operation. Serial Clock Input is only active in Host Mode. This pin is provided with an internal pull-down. DLOSDIS /SDI LVTTL, LVCMOS I 39 Serial Data Input (Host Mode Only) When CS is pulled "Low", the serial data input is sampled on the ris- ing edge of SCLK. Serial Data Input is only active in Host Mode. This pin is provided with an internal pull-down. Hardware Mode This pin is functions as the DLOSDIS control pin. SDO LVCMOS O 40 Serial Data Output (Host Mode Only) If a Read function is initiated, the serial data output is updated on the falling edge of SCLK8 through SCLK15, with the LSB (D0) updated first. This enables the data to be sampled on the rising edge of SCLK9 through SCLK16. Serial Data Output is only active in Host Mode. INT LVCMOS O 41 Interrupt Output (Host Mode Only) Active "Low" signal. This signal is asserted "Low" when a change in alarm status occurs. Once the status registers have been read, the interrupt pin will return "High". Interrupt Output is only active in Host Mode. NOTE: This open-drain output pin requires an external pull-up resistor. |
Similar Part No. - XRT91L34IV-F |
|
Similar Description - XRT91L34IV-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |