Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

804-004-01NF7-1SA Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 804-004-01NF7-1SA
Description  Crimp Termination
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

804-004-01NF7-1SA Datasheet(HTML) 2 Page - Glenair, Inc.

  804-004-01NF7-1SA Datasheet HTML 1Page - Glenair, Inc. 804-004-01NF7-1SA Datasheet HTML 2Page - Glenair, Inc. 804-004-01NF7-1SA Datasheet HTML 3Page - Glenair, Inc. 804-004-01NF7-1SA Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
G-7
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
Series 804 “Mighty Mouse”
Push-Pull Quick-Disconnect
Integral Band Platform
Integral Band Platform
804-003-07
Accessory Thread
Accessory Thread
804-004-07
C
FLAT
ø b
ø A
KEYWAY
REd
STRIPE
Series 804 Receptacles – Jam Nut Rear Panel
.125 (3.2) MAX
.275 (7.0)
d THREAd
jam nut
E THREAd
PANEL THICKNESS
O-RING
SPRING
DIMENSIoNS
Shell
Shell
Size
Size
Ø A
Ø A
Ø B
Ø B
C Flat
C Flat
D Threads
D Threads
E Threads
E Threads
Ø F
Ø F
Ø G
Ø G
In.
In.
mm.
mm.
In.
In.
mm.
mm.
In.
In.
mm.
mm.
In.
In.
mm.
mm.
In.
In.
mm.
mm.
5
.790 20.07
.562 14.27
.415 10.54
.4375-32 UN-2A
.2500-32 UNEF-2A
.450 11.43
.246
6.25
6
.830 21.08
.625 15.87
.467 14.40
.5000-32 UN-2A
.3125-32 UNEF-2A
.520 13.21
.286
7.26
7
.910 23.11
.750 19.05
.594 15.09
.6250-28 UN-2A
.4375-28 UNEF-2A
.580 14.73
.390
9.91
8
.955 24.26
.750 19.05
.594 15.09
.6250-28 UN-2A
.5000-28 UNEF-2A
.603 15.32
.442 11.23
9
1.000 25.40
.812 20.62
.655 16.64
.6875-28 UN-2A
.5625-24 UNEF-2A
.695 17.65
.500 12.70
10
1.085 27.48
.875 22.22
.721 18.31
.7500-28 UN-2A
.6250-24 UNEF-2A
.735 18.67
.564 14.33
12
1.180 29.97 1.000 25.40
.843 21.41
.8750-28 UN-2A
.6875-24 UNEF-2A
.880 22.35
.650 16.51
14
1.325 33.66 1.125 28.57
.968 24.59 1.0000-28 UN-2A
.9375-20 UNEF-2A
1.010 25.65
.805 20.45
15
1.390 35.31 1.188 30.17 1.029 26.14 1.0625-20 UN-2A
.9375-20 UNEF-2A
1.060 26.92
.850 21.59
ALTERNATE KEY PoSITIoNS
Pos.
Pos.
A
150° 210°
b
75°
210°
C
95°
230°
d
140° 275°
JAM NUT PANEL CUToUT
A FLAT
ø b
Shell
Shell
Size
Size
A Flat
A Flat
Ø B
B
In.
In.
± .002
± .002
mm.
mm.
± 0.05
± 0.05
In.
In.
mm.
mm.
5
.425 10.80
.448 11.38
6
.477 12.12
.510 12.95
7
.604 15.34
.635 16.13
8
.604 15.34
.635 16.13
9
.665 16.89
.695 17.65
10
.731 18.57
.760 19.30
12
.853 21.67
.885 22.48
14
.978 24.84 1.010 25.65
15
1.039 26.39 1.070 27.18
Rev. 19-AUG-2008
1.170 (29.7)
1.095 (27.8)
GROMMET
ØF
.000 .120
(0.00 3.05)
ØG


Similar Part No. - 804-004-01NF7-1SA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
804-004-01 GLENAIR-804-004-01 Datasheet
222Kb / 1P
   Receptacle Connector
More results

Similar Description - 804-004-01NF7-1SA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-024PC-13MN GLENAIR-790-024PC-13MN Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-025SH-5P5EMN GLENAIR-790-025SH-5P5EMN Datasheet
895Kb / 3P
   Cable Connectors, Crimp Termination
790-027SH-66MEN GLENAIR-790-027SH-66MEN Datasheet
948Kb / 5P
   Panel Mount Connectors, Crimp Termination
790-026PL-6P6MN GLENAIR-790-026PL-6P6MN Datasheet
865Kb / 5P
   Panel Mount Connectors, Crimp Termination
logo
HARTING Technology Grou...
09-10-012-3106 HARTING-09-10-012-3106 Datasheet
494Kb / 3P
   Han 1A-12-c-f Crimp termination
09-10-012-3006 HARTING-09-10-012-3006 Datasheet
488Kb / 3P
   Han 1A-12-c-m Crimp termination
09-10-008-3106 HARTING-09-10-008-3106 Datasheet
507Kb / 3P
   Han 1A-M12-f X-coded Crimp termination
logo
List of Unclassifed Man...
KPT06J14-18P ETC2-KPT06J14-18P Datasheet
326Kb / 31P
   High performance, Crimp termination, Closed entry socket contacts
logo
HARTING Technology Grou...
09-10-012-3101 HARTING-09-10-012-3101 Datasheet
494Kb / 3P
   Han 1A-12-c-f latch Crimp termination
09-10-005-3106 HARTING-09-10-005-3106 Datasheet
511Kb / 3P
   Han 1A-5PE-c-f Crimp termination
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com