Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

801-008-16ZNU6-1SB Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 801-008-16ZNU6-1SB
Description  Double-Start ACME Thread
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

801-008-16ZNU6-1SB Datasheet(HTML) 2 Page - Glenair, Inc.

  801-008-16ZNU6-1SB Datasheet HTML 1Page - Glenair, Inc. 801-008-16ZNU6-1SB Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Series 801 “Mighty Mouse”
Double-Start ACME Thread
A
B
C
D
E
F
G
H
J
K
L
M
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
D-5
E-Mail: sales@glenair.com
Integral Band Platform
801-007
Accessory Thread
801-008
DIMENSIONS
Shell
Size
Ø A
B Thread
Ø C
D Thread
UNEF-2A
In.
mm.
In.
mm.
5
.540
13.72
.3125-.05P-1L-2B
.245
6.22
.250-32
6
.600
15.24
.375-.05P-1L-2B
.290
7.37
.3125-32
7
.680
17.27
.4375-.05P-1L-2B
.390
9.91
.4375-28
8
.750
19.05
.5000-.05-.1L-2B
.445
11.30
.5000-28
9
.810
20.57
.5625-.05P-.1L-2B
.500
12.70
.5625-24
10
.880
22.35
.6250-.05P-1L-2B
.560
14.22
.6250-24
13
1.050
26.67
.8125-.1P-.2L-2B
.650
16.51
.6875-24
16
1.240
31.50
1.000-.1P-.2L-2B
.805
20.45
.9375-20
17
1.300
33.02
1.062-.1P-.2L-2B
.850
21.59
.9375-20
Series 801 Cable Plug Connectors
STRAIGHT KNURL
ø A
ø C
1.000(25.4)
MAX
B THREAD
D THREAD
.960 (24.4)
MAX.
3
7
12
12
16
16
19
19
17
17
13
13
8
4
1
MASTER
KEY
PLUG KEY POSITIONS
A
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
B° A°
Rev. 05-APR-2007


Similar Part No. - 801-008-16ZNU6-1SB

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
801-00010 EEMAGNETIC-801-00010 Datasheet
120Kb / 3P
   Single through hole models
801-00024 EEMAGNETIC-801-00024 Datasheet
120Kb / 3P
   Single through hole models
801-00025 EEMAGNETIC-801-00025 Datasheet
120Kb / 3P
   Single through hole models
801-00027 EEMAGNETIC-801-00027 Datasheet
120Kb / 3P
   Single through hole models
logo
Glenair, Inc.
801-007 GLENAIR-801-007 Datasheet
237Kb / 1P
   Double-Start ACME Threads Plug
More results

Similar Description - 801-008-16ZNU6-1SB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-009-01C5-3PA GLENAIR-801-009-01C5-3PA Datasheet
322Kb / 4P
   Double-Start ACME Thread
801-023-07C5-3PA GLENAIR-801-023-07C5-3PA Datasheet
322Kb / 3P
   Double-Start ACME Thread
801-012-02Z15-3PA GLENAIR-801-012-02Z15-3PA Datasheet
280Kb / 4P
   Double-Start ACME Thread
801-025-AA2C5-3PA-72 GLENAIR-801-025-AA2C5-3PA-72 Datasheet
113Kb / 2P
   Double-Start ACME Thread
801-009-12-22 GLENAIR-801-009-12-22 Datasheet
278Kb / 1P
   Double-Start ACME Thread Receptacle
801-012-02 GLENAIR-801-012-02 Datasheet
215Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-023 GLENAIR-801-023 Datasheet
200Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-075-07 GLENAIR-801-075-07 Datasheet
165Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-012-07 GLENAIR-801-012-07 Datasheet
210Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-065 GLENAIR-801-065 Datasheet
194Kb / 1P
   Mighty Mouse Double Start ACME Thread
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com