Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INJ0011AC1 Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # INJ0011AC1
Description  High speed switching Silicon P-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

INJ0011AC1 Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  INJ0011AC1 Datasheet HTML 1Page - Isahaya Electronics Corporation INJ0011AC1 Datasheet HTML 2Page - Isahaya Electronics Corporation INJ0011AC1 Datasheet HTML 3Page - Isahaya Electronics Corporation INJ0011AC1 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL CHARACTERISTICS
ISAHAYA ELECTRONICS CORPORATION
ID -VDS
-0
-20
-40
-60
-80
-100
-0
-5
-10
Drain-Source voltage VDS (V)
Ta=25℃
-1.7V
-1.9V
-2.0V
-2.1V
VGS=-2.2V
-2.3V
-2.4V
-2.5V
-2.6V
-2.7V
-2.8V
-2.9V
-3.0V
IID -VDS(Low voltage region)
-0
-0.2
-0.4
-0.6
-0.8
-1
-0
-0.1
-0.2
-0.3
-0.4
-0.5
Drain-Source voltage VDS (V)
Ta=25℃
-1.4V
-1.45V
VGS=-1.5V
-1.55V
-1.6V
-1.65V
-1.7V
ID -VGS
-1
-10
-100
-1000
-0
-1
-2
-3
-4
-5
Gate-Source voltage VGS (V)
Ta=25℃
VDS=-10V
IDR -VDS
-1
-10
-100
0
0.5
1
1.5
2
Drain-Source voltage VDS (V)
Ta=25℃
VGS=0V
|Yfs| - ID
1
10
100
1000
-1
-10
-100
-1000
Drain current ID (mA)
Ta=25℃
VDS=-10V
C - VDS
0.1
1
10
100
-0.1
-1
-10
-100
Drain-Source voltage VDS (V)
Ta=25℃
VGS=0V
Coss
Ciss
t - ID
1
10
100
1000
10000
-0.1
-1
-10
-100
Drain current ID (mA)
Ta=25℃
ton
toff
tr
tf
RDS(ON) - ID
0
2
4
6
8
10
-0
-50
-100
-150
-200
Drain current ID (mA)
Ta=25℃
VGS=-4V
-10V


Similar Part No. - INJ0011AC1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INJ0001AC1 ISAHAYA-INJ0001AC1 Datasheet
136Kb / 4P
   Silicon P-channel MOSFET
INJ0001AC1 ISAHAYA-INJ0001AC1 Datasheet
137Kb / 4P
   High speed switching Silicon P-channel MOSFET
INJ0001AM1 ISAHAYA-INJ0001AM1 Datasheet
136Kb / 4P
   Silicon P-channel MOSFET
INJ0001AM1 ISAHAYA-INJ0001AM1 Datasheet
137Kb / 4P
   High speed switching Silicon P-channel MOSFET
INJ0001AT2 ISAHAYA-INJ0001AT2 Datasheet
136Kb / 4P
   Silicon P-channel MOSFET
More results

Similar Description - INJ0011AC1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INJ0001AX ISAHAYA-INJ0001AX_08 Datasheet
137Kb / 4P
   High speed switching Silicon P-channel MOSFET
INJ0003AX ISAHAYA-INJ0003AX_08 Datasheet
139Kb / 4P
   High speed switching Silicon P-channel MOSFET
INJ0212AP1 ISAHAYA-INJ0212AP1 Datasheet
221Kb / 4P
   High Speed Switching Silicon P-channel MOSFET
INJ0002AX ISAHAYA-INJ0002AX_08 Datasheet
138Kb / 4P
   High speed switching Silicon P-channel MOSFET
INJ0203AC1 ISAHAYA-INJ0203AC1 Datasheet
159Kb / 4P
   High Speed Switching Silicon P-channel MOSFET
logo
Sanyo Semicon Device
FTD7003 SANYO-FTD7003 Datasheet
29Kb / 4P
   P-Channel Silicon MOSFET High-Speed Switching Applications
logo
Renesas Technology Corp
HAT1016R RENESAS-HAT1016R Datasheet
97Kb / 8P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1026R RENESAS-HAT1026R Datasheet
89Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1023R RENESAS-HAT1023R Datasheet
89Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1020R RENESAS-HAT1020R Datasheet
89Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com