Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP233E Datasheet(PDF) 3 Page - Exar Corporation

Part # SP233E
Description  High Performance RS-232 Line Drivers/Receivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP233E Datasheet(HTML) 3 Page - Exar Corporation

  SP233E Datasheet HTML 1Page - Exar Corporation SP233E Datasheet HTML 2Page - Exar Corporation SP233E Datasheet HTML 3Page - Exar Corporation SP233E Datasheet HTML 4Page - Exar Corporation SP233E Datasheet HTML 5Page - Exar Corporation SP233E Datasheet HTML 6Page - Exar Corporation SP233E Datasheet HTML 7Page - Exar Corporation SP233E Datasheet HTML 8Page - Exar Corporation SP233E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • www.exar.com SP202E,232E,233E, 30E, 32E_00_0608
Parameter
TEST ConDiTionS
Min
TYP
MAx
Unit
DYnAMiC CHARACTERiSTiCS
Driver Propagation Delay
TTL to RS-232; C
L = 50pF
.5
3.0
μs
Receiver Propagation Delay
RS-232 to TTL
0.
.0
μs
Instantaneous Slew Rate
C
L = 0pF, RL = 3-7kΩ; TA= 25°C
30
V/μs
Transition Region Slew Rate
C
L = 2500pF, RL = 3kΩ;
Measured from +3V to -3V or
-3V to +3V
0
V/μs
Output Enable Time **
SP30E and SP32E only
400
ns
Output Disable Time **
SP30A and SP32A only
250
ns
PoWER REQUiREMEnTS
Vcc Power Supply Current
No Load, Vcc = 5V, T
A= 25°C
3
5
mA
Vcc Power Supply Current, Loaded
All Transmitters R
L = 3kΩ,
T
a= 25°C
5
mA
Shutdown Supply Current **
Vcc = 5V, T
a= 25°C

5
μA
** SP30E and SP32E only
ELECTRiCAL CHARACTERiSTiCS
Vcc = 5V ±0%, 0.μF charge pump capacitors, Tmin to Tmax, unless otherwise noted, Typical values are Vcc =
5V and Ta=25°C
PERFoRMAnCE CURvES
0
2
4
6
8
10
12
14
Load Current (mA)
-3
-4
-5
-6
-7
-8
-9
-10
-11
VCC = 6V
VCC = 5V
VCC = 4V
-55
-40
0
25
70
85
25
Temperature ( C)
0
5
0
5
20
25
30
VCC = 6V
VCC = 5V
VCC = 4V
VCC = 3V
0
5
10
15
20
Load Current (mA)
0
6
8
10
12
2
4
VCC = 5V
VCC = 4V
VCC = 6V
25 30
35
40
4.5
4.75
5.0
5.25
5.5
VCC(Volts)
5.0
6.5
7.0
7.5
8.0
8.5
9.0
Load current = 0mA
TA = 25C
5.5
6.0


Similar Part No. - SP233E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP233E SIPEX-SP233E Datasheet
124Kb / 15P
   High-Performance RS-232 Line Drivers/Receivers
SP233ECP SIPEX-SP233ECP Datasheet
217Kb / 15P
   High-Performance RS-232 Line Drivers/Receivers
SP233ECT SIPEX-SP233ECT Datasheet
217Kb / 15P
   High-Performance RS-232 Line Drivers/Receivers
SP233ECT SIPEX-SP233ECT Datasheet
124Kb / 15P
   High-Performance RS-232 Line Drivers/Receivers
SP233ECT/TR SIPEX-SP233ECT/TR Datasheet
124Kb / 15P
   High-Performance RS-232 Line Drivers/Receivers
More results

Similar Description - SP233E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP202E SIPEX-SP202E Datasheet
217Kb / 15P
   High-Performance RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232A UTC-UT232A_15 Datasheet
325Kb / 6P
   HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
logo
Exar Corporation
SP232EEN-L-TR EXAR-SP232EEN-L-TR Datasheet
949Kb / 17P
   High Performance RS-232 Line Drivers/Receivers
logo
Sipex Corporation
SP202E SIPEX-SP202E_04 Datasheet
124Kb / 15P
   High-Performance RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232E UTC-UT232E_15 Datasheet
234Kb / 5P
   HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232E UTC-UT232E Datasheet
208Kb / 5P
   HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232A UTC-UT232A_10 Datasheet
201Kb / 5P
   HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
logo
Analog Devices
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com