Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12CGQ150 Datasheet(PDF) 2 Page - Sensitron

Part # 12CGQ150
Description  HERMETIC POWER SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

12CGQ150 Datasheet(HTML) 2 Page - Sensitron

  12CGQ150 Datasheet HTML 1Page - Sensitron 12CGQ150 Datasheet HTML 2Page - Sensitron 12CGQ150 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
221 West Industry Court Deer Park, NY 11729-4681 Phone (631) 586-7600 Fax (631) 242-9798
World Wide Web Site - http://www.sensitron.com E-Mail Address - sales@sensitron.com
SENSITRON
TECHNICAL DATA
DATA SHEET 4090, REV.-
Mechanical Dimensions: In Inches / mm
COMMON CATHODE
1
2
3
PINOUT TABLE
TYPE
PIN 1
PIN 2
PIN 3
DUAL RECTIFIER, COMMON CATHODE
ANODE 1
COMMON CATHODE
ANODE 2
Curves shown are for bare die only
0.0
0.2
0.4
0.6
0.8
1.0
Forward Voltage Drop - VF (V)
10-2
10-1
100
101
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
40
80
120
160
200
240
Reverse Voltage - VR (V)
10-5
10-4
10-3
10-2
10-1
100
101
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
0
40
80
120
160
200
240
Reverse Voltage - VR (V)
0
60
120
180
240
300
Typical Junction Capacitance
12CGQ150
TO-254
1 2 3
.260
.249
(6.60
6.32)
.050
.040
(1.27
1.02)
.150(3.81) BSC
.545
.535
(13.84
13.58)
.545
.535
(13.84
13.60)
.800
.790
(20.32
20.07)
.685
.665
(17.40
16.89)
1.235
1.195
(31.37
30.35)
.045
.035
(1.14
0.89)
3 Places
.150(3.81) BSC
2 Places
.149
.139
(3.78
3.53)
Dia.


Similar Part No. - 12CGQ150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12CGQ150 IRF-12CGQ150 Datasheet
320Kb / 4P
   SCHOTTKY RECTIFIER
12CGQ150 IRF-12CGQ150 Datasheet
125Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
12CGQ150 IRF-12CGQ150 Datasheet
125Kb / 4P
   SCHOTTKY RECTIFIER
12CGQ150SCV IRF-12CGQ150SCV Datasheet
125Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
12CGQ150 IRF-12CGQ150_15 Datasheet
125Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 12CGQ150

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD118444 SENSITRON-SHD118444 Datasheet
93Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119236 SENSITRON-SHD119236 Datasheet
78Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119434 SENSITRON-SHD119434 Datasheet
76Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119612 SENSITRON-SHD119612 Datasheet
75Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD130513 SENSITRON-SHD130513 Datasheet
51Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD120234 SENSITRON-SHD120234 Datasheet
83Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD124446 SENSITRON-SHD124446 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD125136 SENSITRON-SHD125136 Datasheet
90Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD125612 SENSITRON-SHD125612 Datasheet
77Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD126411 SENSITRON-SHD126411 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD116268 SENSITRON-SHD116268 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com