Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP202EEP-L Datasheet(PDF) 8 Page - Exar Corporation

Part # SP202EEP-L
Description  High Performance RS-232 Line Drivers/Receivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP202EEP-L Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP202EEP-L Datasheet HTML 4Page - Exar Corporation SP202EEP-L Datasheet HTML 5Page - Exar Corporation SP202EEP-L Datasheet HTML 6Page - Exar Corporation SP202EEP-L Datasheet HTML 7Page - Exar Corporation SP202EEP-L Datasheet HTML 8Page - Exar Corporation SP202EEP-L Datasheet HTML 9Page - Exar Corporation SP202EEP-L Datasheet HTML 10Page - Exar Corporation SP202EEP-L Datasheet HTML 11Page - Exar Corporation SP202EEP-L Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • www.exar.com SP202E,232E,233E, 30E, 32E_00_0608
8
TYPiCAL PERFoRMAnCE CHARACTERiSTiCS
Figure 3, SP232E Charge pump waveforms-
no load ( = C+, 2 = C2+, 3 = V+, 4 = V-).
Figure 4, SP232E Charge pump waveforms
when fully loaded with 3Kohms ( = C+, 2
= C2+, 3 = V+, 4 = V-).
Figure 5, Loopback results at 60KHZ and
2500pF load ( = TXin, 2 = TXout/RXin, 3 =
RXout).
Figure 6, Charge pump outputs at
start up ( = Vcc, 2 = V+, 3 = V-).


Similar Part No. - SP202EEP-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP202EEP SIPEX-SP202EEP Datasheet
217Kb / 15P
   High-Performance RS-232 Line Drivers/Receivers
SP202EEP SIPEX-SP202EEP Datasheet
124Kb / 15P
   High-Performance RS-232 Line Drivers/Receivers
More results

Similar Description - SP202EEP-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP202E SIPEX-SP202E Datasheet
217Kb / 15P
   High-Performance RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232A UTC-UT232A_15 Datasheet
325Kb / 6P
   HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
logo
Exar Corporation
SP232EEN-L-TR EXAR-SP232EEN-L-TR Datasheet
949Kb / 17P
   High Performance RS-232 Line Drivers/Receivers
logo
Sipex Corporation
SP202E SIPEX-SP202E_04 Datasheet
124Kb / 15P
   High-Performance RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232E UTC-UT232E_15 Datasheet
234Kb / 5P
   HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232E UTC-UT232E Datasheet
208Kb / 5P
   HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232A UTC-UT232A_10 Datasheet
201Kb / 5P
   HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
logo
Analog Devices
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com