Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

802-012-07Z16-1FC Datasheet(PDF) 4 Page - Glenair, Inc.

Part # 802-012-07Z16-1FC
Description  Receptacles for PCB or Solder Cup
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

802-012-07Z16-1FC Datasheet(HTML) 4 Page - Glenair, Inc.

  802-012-07Z16-1FC Datasheet HTML 1Page - Glenair, Inc. 802-012-07Z16-1FC Datasheet HTML 2Page - Glenair, Inc. 802-012-07Z16-1FC Datasheet HTML 3Page - Glenair, Inc. 802-012-07Z16-1FC Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
E-12
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Series 802 “Aqua Mouse”
3500 PSI Rated
802-012-00 Jam Nut Receptacles for PCB or Solder Cup
DIMENSIoNS
Shell
Shell
Size
Size
A Max.
A Max.
B Flat
B Flat
C
C
D
D
E Flat
E Flat
F Hex
F Hex
G Flat
G Flat
Ø H
Ø H
In.
In.
mm.
mm.
In.
In.
mm.
mm.
Mating Threads
Mating Threads
Threads
Threads
In.
In.
mm.
mm.
In.
In.
mm.
mm.
In.
In.
mm.
mm.
In.
In.
mm.
mm.
5
.720 18.29
.625 15.88 .438-28 UNEF-2A
.312-28 UN-2A
.281
7.14
.500 12.70
.289
7.34
.322
8.18
6
.780 19.81
.750 19.05 .562-20 UN-2A
.438-28 UN-2A
.344
8.74
.625 15.88
.414 10.52
.448 11.38
7
.910 23.11
.812 20.62 .625-20 UN-2A
.500-32 UN-2A
.469 11.91
.688 17.48
.477 12.12
.510 12.95
8
.960 24.38
.875 22.23 .687-20 UN-2A
.562-28 UN-2A
.531 13.49
.750 19.05
.539 13.69
.572 14.53
9
1.030 26.16
.937 23.80 .750-20 UNEF-2A
.625-28 UN-2A
.594 15.09
.812 20.62
.602 15.29
.635 16.13
10
1.090 27.69 1.000 25.40 .812-20 UNEF-2A
.687-28 UN-2A
.656 16.66
.875 22.23
.664 16.87
.697 17.70
12
1.160 29.46 1.062 26.97 .875-20 UNEF-2A
.750-28 UN-2A
.719 18.26
.938 23.83
.727 18.47
.760 19.30
14
1.340 34.04 1.250 31.75 1.062-20 UN-2A
.938-28 UN-2A
.893 22.68 1.125 28.58
.901 22.89
.948 24.08
15
1.410 35.18 1.312 33.32 1.125-20 UN-2A
1.000-28 UN-2A
.955 24.26 1.188 30.18
.963 24.46 1.010 25.65
SERIES 802 RECEPtACLE kEY PoSItIoNS
Key
Key
Position
Position
key Rotation
key Rotation
Normal (A)
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
Rev. 08-FEB-2007
F HEX
øA MAX
MASTER KEYWAY
D THREAD
.090 (2.29) MIN
.250 (6.35) MAX
PANEL THICKNESS
RED COLOR BAND FULL
MATE INDICATOR
C THREAD
.410/.400
(10.41/10.16)
.965
(24.51)
E FLAT
B FLAT
O-RING
FRONT MOUNT JAM NUT
SHELL STYLE 00
.125 (3.18)
MIN
øH
G FLAT
RECOMMENDED PANEL CUTOUT
FOR STYLE 07 REAR MOUNT JAM NUT
øH
G FLAT
RECOMMENDED PANEL CUTOUT
FOR STYLE 00 FRONT MOUNT JAM NUT
øH
G FLAT
RECOMMENDED PANEL CUTOUT
FOR STYLE 00 FRONT MOUNT JAM NUT


Similar Part No. - 802-012-07Z16-1FC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-012-07 GLENAIR-802-012-07 Datasheet
175Kb / 1P
   Solder Cup or PCB Receptacle
More results

Similar Description - 802-012-07Z16-1FC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-013-03Z15-3PA GLENAIR-802-013-03Z15-3PA Datasheet
212Kb / 4P
   Hermetic Receptacles for PCB or Solder Cup
803-005-02C5-3PN GLENAIR-803-005-02C5-3PN Datasheet
154Kb / 2P
   Receptacles With PCB or Solder Cup Contacts
805-005-02Z18-1PA GLENAIR-805-005-02Z18-1PA Datasheet
381Kb / 2P
   Receptacles With PCB or Solder Cup Contacts
804-005-00C5-3PA GLENAIR-804-005-00C5-3PA Datasheet
485Kb / 3P
   Receptacles With PCB or Solder Cup Contacts
802-012-02 GLENAIR-802-012-02 Datasheet
173Kb / 1P
   Solder Cup or PCB Receptacle
802-012 GLENAIR-802-012 Datasheet
192Kb / 1P
   Solder Cup or PCB Receptacle
802-012-00 GLENAIR-802-012-00 Datasheet
197Kb / 1P
   Solder Cup or PCB Receptacle
802-012-07 GLENAIR-802-012-07 Datasheet
175Kb / 1P
   Solder Cup or PCB Receptacle
800-012 GLENAIR-800-012 Datasheet
169Kb / 1P
   PC Tail or Solder Cup PCB Receptacle
240-801-02 GLENAIR-240-801-02 Datasheet
306Kb / 1P
   Printed Circuit Board Versions with PCB or Solder Cup Contacts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com