Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMR7580C-31P3BM1 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # GMR7580C-31P3BM1
Description  Vertical Mount Micro-D Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

GMR7580C-31P3BM1 Datasheet(HTML) 1 Page - Glenair, Inc.

  GMR7580C-31P3BM1 Datasheet HTML 1Page - Glenair, Inc. GMR7580C-31P3BM1 Datasheet HTML 2Page - Glenair, Inc. GMR7580C-31P3BM1 Datasheet HTML 3Page - Glenair, Inc. GMR7580C-31P3BM1 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-24
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
GMR7580C Vertical Mount Micro-D Connectors
Compact Flange
Innovative Design for Flex Circuits – These Micro-D
connectors answer the need for a compact flex circuit
connector. Featuring .075 X .075 inch row spacing.
Glenair's GMR7580C accepts standard jackscrews and
jackposts, making it ideal for flex-to-board applications.
High Performance – Approved for British Standard
BS9000, GMR7580C connectors meet the performance
requirements of MIL-DTL-83513. Gold-plated TwistPin
contacts assure best electrical and mechanical
performance.
HoW to oRDER GMR7580 VERtICAL .075" PItCH CoNNECtoRS
Series
Number of
Contacts
Contact type
tail Length
In. (mm.)
Shell Plating
Finish
Hardware
Gold-Plated
terminal Mod
Code
GMR7580C
Micro-D Metal Shell,
Vertical Mount PCB,
Compact
9
15
21
25
31
37
51
100
P
Pin
S
Socket
1 – .109" (2.76)
2 – .150" (3.81)
3 – .190" (4.83)
4 – .250" (6.35)
5 – Staggered
Tail Length
Length in Inches
± .015
(0.38)
A – Cadmium
B – Nickel
C – Allochrome
D – Black Anodize
E – Gold
B
P
M
M1
S
S1
L
K
F
R
These connectors
are solder-dipped
in 63/37 tin-lead
solder.
to delete the
solder dip and
change to gold-
plated terminals,
add code 513
Sample Part Number
GMR7580C
– 31
S
2
B
S1
MICRo-D MouNtING HARDWARE
B
P
M
M1
S
S1
L
K
F
R
thru-Hole
Order
Hardware
Separately
Jackpost
Removable
Includes Nut
and Washer
Jackscrew
Hex Head
Removable
E-ring
Jackscrew
Hex Head
Removable
E-ring
Extended
Jackscrew
Slot Head
Removable
E-ring
Jackscrew
Slot Head
Removable
E-ring
Extended
Jackscrew
Hex Head
Non-
Removable
Jackscrew
Slot Head
Non-
Removable
Extended
FloatMount
For Front
Panel
Mounting
FloatMount
For Rear
Panel
Mounting


Similar Part No. - GMR7580C-31P3BM1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GMR7580-15P1ANN GLENAIR-GMR7580-15P1ANN Datasheet
445Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580-15P1APN GLENAIR-GMR7580-15P1APN Datasheet
445Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580-15P1BNN GLENAIR-GMR7580-15P1BNN Datasheet
445Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580-15P1BPN GLENAIR-GMR7580-15P1BPN Datasheet
445Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580-15P1CNN GLENAIR-GMR7580-15P1CNN Datasheet
445Kb / 4P
   Vertical Mount Micro-D Connectors
More results

Similar Description - GMR7580C-31P3BM1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GMR7580-9P1ANN GLENAIR-GMR7580-9P1ANN Datasheet
445Kb / 4P
   Vertical Mount Micro-D Connectors
177-140H9SS GLENAIR-177-140H9SS_09 Datasheet
397Kb / 2P
   Micro-D Hermetic Connectors Solder Mount
240-077 GLENAIR-240-077 Datasheet
125Kb / 2P
   Rear Panel Mount Micro-D Filter Connectors
240-078 GLENAIR-240-078 Datasheet
118Kb / 2P
   Rear Panel Mount Micro-D Filter Connectors
240-075 GLENAIR-240-075 Datasheet
112Kb / 2P
   Rear Panel Mount Micro-D Filter Connectors
M83513-06-A GLENAIR-M83513-06-A Datasheet
113Kb / 1P
   Micro-D Connectors
M83513-16-A01CN GLENAIR-M83513-16-A01CN Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-28-A01CN GLENAIR-M83513-28-A01CN Datasheet
515Kb / 4P
   Micro-D Connectors
M83513-10-A01CN GLENAIR-M83513-10-A01CN Datasheet
370Kb / 4P
   Micro-D Connectors
M83513-22-A01CN GLENAIR-M83513-22-A01CN Datasheet
202Kb / 4P
   Micro-D Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com