Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1485EMN-L Datasheet(PDF) 3 Page - Exar Corporation

Part # SP1485EMN-L
Description  Enhanced Low Power Half-Duplex RS-485 Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP1485EMN-L Datasheet(HTML) 3 Page - Exar Corporation

  SP1485EMN-L Datasheet HTML 1Page - Exar Corporation SP1485EMN-L Datasheet HTML 2Page - Exar Corporation SP1485EMN-L Datasheet HTML 3Page - Exar Corporation SP1485EMN-L Datasheet HTML 4Page - Exar Corporation SP1485EMN-L Datasheet HTML 5Page - Exar Corporation SP1485EMN-L Datasheet HTML 6Page - Exar Corporation SP1485EMN-L Datasheet HTML 7Page - Exar Corporation SP1485EMN-L Datasheet HTML 8Page - Exar Corporation SP1485EMN-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP48E-485E_00_06609
speciFicAtions (continued)
pArAMeters
Min.
tYp.
MAX.
Units
conditions
sp1481e/sp1485e receiver
dc characteristics
DifferentialInputThreshold
-0.2
+0.2
Volts
-7V≤V
CM≤+12V
DifferentialInputThreshold
-0.4
+0.4
Volts
-7V≤V
CM≤+12V
(SP1485EMNONLY)
InputHysteresis
20
mV
V
CM=0V
OutputVoltageHigh
3.5
Volts
I
O=-4mA,VID=+200mV
OutputVoltageLow
0.4
Volts
I
O=+4mA,VID=-200mV
Three-State(HighImpedance)
OutputCurrent
±1
µA
0.4V≤V
O≤2.4V;RE=5V
InputResistance
12
15
kΩ
-7V≤V
CM≤+12V
InputCurrent(A,B);V
IN=12V
+1.0
mA
DE=0V,V
CC=0Vor5.25V,VIN=12V
InputCurrent(A,B);V
IN=-7V
-0.8
mA
DE=0V,V
CC=0Vor5.25V,VIN=-7V
Short-CircuitCurrent7
95
mA
0V≤V
O≤VCC
sp1481e/sp1485e receiver
Ac characteristics
MaximumDataRate
20
Mbps
RE=0V,DE=0V
ReceiverInputtoOutput
25
70
ns
t
PLH;RDIFF=54Ω,
C
L1 = CL2 = 100pF;Figures3&7
ReceiverInputtoOutput
25
70
ns
t
PHL;RDIFF=54Ω,
C
L1 = CL2
=
100pF;Figures3&7
Diff.ReceiverSkewIt
PLH-tPHLI
5
10
ns
R
DIFF=54Ω;CL1= CL2=100pF;
Figures3&7
ReceiverEnableto
OutputLow
45
70
ns
C
RL=15pF;Figures2&8;Sclosed
ReceiverEnableto
OutputHigh
45
70
ns
C
RL=15pF;Figures2&8;S2closed
ReceiverDisablefromLow
45
70
ns
C
RL=15pF;Figures2&8;Sclosed
ReceiverDisablefromHigh45
70
ns
C
RL=15pF;Figures2&8;S2closed
sp1481e
shutdown timing
TimetoShutdown
50
200
600
ns
RE=5V,DE=0V
DriverEnablefromShutdown
toOutputHigh
40
100
ns
C
L=100pF;SeeFigures4&6;S2closed
DriverEnablefromShutdown
toOutputLow
40
100
ns
C
L=100pF;SeeFigures4&6;Sclosed
ReceiverEnablefrom
ShutdowntoOutputHigh
300
1000
ns
C
L=15pF;SeeFigures2&8;S2closed
ReceiverEnablefrom
ShutdowntoOutputLow
300
1000
ns
C
L=15pF;SeeFigures2&8;Sclosed
poWer reQUireMents
SupplyVoltage
+4.75
+5.25
Volts
SupplyCurrent
SP1481E/1485E
NoLoad
900
μA
RE,DI=0VorV
CC;DE=VCC
600
μA
RE=0V,DI=0Vor5V;DE=0V
SP48E
ShutdownMode
10
μA
DE=0V,RE=V
CC
environMentAL And MecHAnicAL
OperatingTemperature
Commercial(_C_)
0
+70
°C
Industrial(_E_)
-40
+85
°C
(_M_)
-40
+125
°C
StorageTemperature
-65
+150
°C
Package
NSOIC(_N)
T
MINto TMAXandVCC=5V±5%unlessotherwisenoted


Similar Part No. - SP1485EMN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP1485EMN SIPEX-SP1485EMN Datasheet
78Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
More results

Similar Description - SP1485EMN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP481E SIPEX-SP481E Datasheet
519Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP481E EXAR-SP481E Datasheet
618Kb / 12P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481E SIPEX-SP481E_07 Datasheet
712Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
SP481E SIPEX-SP481E Datasheet
100Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1485E SIPEX-SP1485E Datasheet
78Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1481E SIPEX-SP1481E Datasheet
73Kb / 11P
   짹15kV Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com