Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6134 Datasheet(PDF) 4 Page - Exar Corporation

Part # SP6134
Description  600kHz Synchronous PWM Step Down Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6134 Datasheet(HTML) 4 Page - Exar Corporation

  SP6134 Datasheet HTML 1Page - Exar Corporation SP6134 Datasheet HTML 2Page - Exar Corporation SP6134 Datasheet HTML 3Page - Exar Corporation SP6134 Datasheet HTML 4Page - Exar Corporation SP6134 Datasheet HTML 5Page - Exar Corporation SP6134 Datasheet HTML 6Page - Exar Corporation SP6134 Datasheet HTML 7Page - Exar Corporation SP6134 Datasheet HTML 8Page - Exar Corporation SP6134 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
S
SP
P6
61
13
34
4
6
60
00
0k
kH
Hz
z S
Sy
yn
nc
ch
hrro
on
no
ou
us
s P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
PIN ASSIGNEMENT
Fig. 3: SP6134 Pin Assignment
PIN DESCRIPTION
Name
Pin Number
Description
VCC
1
Bias Supply Input. Connect to external 5V supply. Used to power internal circuits and
low side gate driver.
GL
2
High current driver output for the low side NFET switch. It is always low if GH is high or
during a fault. Resistor pull down ensure low state at low voltage.
GND
3
Ground Pin. The control circuitry of the IC and lower power driver are referenced to this
pin. Return separately from other ground traces to the (-) terminal of COUT.
VFB
4
Feedback Voltage and Short Circuit Detection pin. It is the inverting input of the Error
Amplifier and serves as the output voltage feedback point for the Buck Converter. The
output voltage is sensed and can be adjusted through an external resistor divider.
Whenever VFB drops 0.25V below the positive reference, a short circuit fault is detected
and the IC enters hiccup mode.
COMP
5
Output of the Error Amplifier. It is internally connected to the inverting input of the
PWM comparator. An optimal filter combination is chosen and connected to this pin and
either ground or VFB to stabilize the voltage mode loop.
UVIN
6
UVLO input for VIN voltage. Connect a resistor divider between VIN and UVIN to set
minimum operating voltage.
SS
7
Soft Start. Connect an external capacitor between SS and GND to set the soft start rate
based on the 10μA source current. The SS pin is held low via a 1mA (min) current
during all fault conditions.
SWN
8
Lower supply rail for the GH high-side gate driver. Connect this pin to the switching
node at the junction between the two external power MOSFET transistors.
GH
9
High current driver output for the high side NFET switch. It is always low if GL is high or
during a fault. Resistor pull down ensure low state at low voltage.
BST
10
High side driver supply pin. Connect BST to the external boost diode and capacitor as
shown in the Typical Application Circuit on page 1. High side driver is connected
between BST pin and SWN pin.
© 2008 Exar Corporation
4/15
Rev. 2.0.0


Similar Part No. - SP6134

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6134 SIPEX-SP6134 Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP61346 SIPEX-SP61346 Datasheet
176Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6134CU SIPEX-SP6134CU Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6134CU SIPEX-SP6134CU Datasheet
176Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6134CU/TR SIPEX-SP6134CU/TR Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
More results

Similar Description - SP6134

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
   High Voltage, 600kHz Synchronous PWM Step Down Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
Microsemi Corporation
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
   300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com