Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3243EBER-L Datasheet(PDF) 9 Page - Exar Corporation

Part # SP3243EBER-L
Description  3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3243EBER-L Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP3243EBER-L Datasheet HTML 5Page - Exar Corporation SP3243EBER-L Datasheet HTML 6Page - Exar Corporation SP3243EBER-L Datasheet HTML 7Page - Exar Corporation SP3243EBER-L Datasheet HTML 8Page - Exar Corporation SP3243EBER-L Datasheet HTML 9Page - Exar Corporation SP3243EBER-L Datasheet HTML 10Page - Exar Corporation SP3243EBER-L Datasheet HTML 11Page - Exar Corporation SP3243EBER-L Datasheet HTML 12Page - Exar Corporation SP3243EBER-L Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3243E_100_072309
9
Receivers
The receivers convert +5.0V EIA/TIA-232
levels to TTL or CMOS logic output levels. Re-
ceivers are High-Z when the AUTO ON-LINE®
circuitry is enabled or when in shutdown. The
truth table logic of the SP3243 driver and receiver
outputs can be found in Table 2.
The SP3243E includes an additional non-in-
verting receiver with an output R
2OUT. R2OUT
is an extra output that remains active and
monitors activity while the other receiver
outputs are forced into high impedance.
This allows a Ring Indicator (RI) signal from a
peripheral to be monitored without forward
biasing the TTL/CMOS inputs of the other
devices connected to the receiver outputs.
Table 2. SHUTDOWN Truth Tables
Note: InAUTO ON-LINE® Mode where ONLINE = GND
and SHUTDOWN = V
CC, the device will shut down if
there is no activity present at the Receiver inputs.
Figure 11. Loopback Test Circuit for RS-232 Driver
Data Transmission Rates
Since receiver input is usually from a transmis-
sion line where long cable lengths and system
interference can degrade the signal, the inputs
have a typical hysteresis margin of 300mV. This
ensures that the receiver is virtually immune to
noisy transmission lines. Should an input be left
unconnected, an internal 5KΩ pulldown resistor
to ground will commit the output of the receiver
to a HIGH state.
Figure 13. Loopback Test results at 250Kbps
Figure 12. Loopback Test results at 1Mbps
SP3243
GND
T1IN
TXIN
C1+
C1-
C2+
C2-
V+
V-
VCC
0.1 µF
0.1 µF
0.1 µF
+
C2
C5
C1
+
+
C3
C4
+
+
0.1 µF
0.1 µF
TTL/CMOS
INPUTS
+3V to +5V
18
SHUTDOWN
5KΩ
R1OUT
5KΩ
RXIN
RXOUT
TTL/CMOS
OUTPUTS
ONLINE
R1IN
TXOUT
T1OUT
STATUS
VCC
To µP Supervisor
Circuit
1000pF
1000pF
Device: SP3243E
SHUTDOWN
TxOUT
RxOUT
R2OUT
0
High-Z
High-Z
Active
1
Active
Active
Active


Similar Part No. - SP3243EBER-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3243EBEA SIPEX-SP3243EBEA Datasheet
279Kb / 25P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3243EBEA-L EXAR-SP3243EBEA-L Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EBEA-L EXAR-SP3243EBEA-L Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3243EBEA/TR SIPEX-SP3243EBEA/TR Datasheet
279Kb / 25P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EBET SIPEX-SP3243EBET Datasheet
279Kb / 25P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3243EBER-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3243EUEA-L-TR EXAR-SP3243EUEA-L-TR Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EBCA-L-TR EXAR-SP3243EBCA-L-TR Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243ECA-L-TR EXAR-SP3243ECA-L-TR Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223E SIPEX-SP3223E_06 Datasheet
574Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223ECA-L SIPEX-SP3223ECA-L Datasheet
156Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEA-L-TR EXAR-SP3223EEA-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com