Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6139EU-L Datasheet(PDF) 1 Page - Exar Corporation

Part # SP6139EU-L
Description  Wide Input, 1.3MHz Synchronous PWM Step Down Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6139EU-L Datasheet(HTML) 1 Page - Exar Corporation

  SP6139EU-L Datasheet HTML 1Page - Exar Corporation SP6139EU-L Datasheet HTML 2Page - Exar Corporation SP6139EU-L Datasheet HTML 3Page - Exar Corporation SP6139EU-L Datasheet HTML 4Page - Exar Corporation SP6139EU-L Datasheet HTML 5Page - Exar Corporation SP6139EU-L Datasheet HTML 6Page - Exar Corporation SP6139EU-L Datasheet HTML 7Page - Exar Corporation SP6139EU-L Datasheet HTML 8Page - Exar Corporation SP6139EU-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
S
SP
P6
61
13
39
9
W
Wiid
de
e IIn
np
pu
utt,, 1
1..3
3M
MH
Hz
z S
Sy
yn
nc
ch
hrro
on
no
ou
us
s P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n
C
Co
on
nttrro
olllle
err
January 2009
Rev. 2.0.0
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The SP6139 is a 1300kHz constant frequency,
voltage mode, synchronous PWM step down
controller optimized for high efficiency.
The SP6139 is adequately suited for split plane
applications utilizing a low power 5V rail to
power the controller circuitry, minimizing
power dissipation. Its wide input voltage range
of 3V to 15V allows for conversions from the
standard 3.3V, 5V, 9.6V and 12V power rails
to an output voltage adjustable down to 0.8V.
Developed around a wide bandwidth internal
amplifier, the SP6139 can accommodate type
II and type III compensation schemes.
Protection features include a programmable
UVLO, thermal shutdown and output short
circuit protection.
The SP6139 is part of a larger family of step
down
controllers
operating
at
various
switching frequencies up to 1300kHz and input
voltages up to 28V. Refer to Exar’s SP6132,
SP6132H, SP6134, SP6134H and SP6137 for
complete details.
The SP6139 is available in lead free, RoHS
compliant,
space
saving
10-pin
MSOP
package.
APPLICATIONS
• DSL Modems
• Set-Top Boxes
• 12V VIN Point of Load Applications
FEATURES
• 2.5V to 20V Step Down Achieved Using
Dual Input
• On-Board 1.5Ω sink (2Ω source) NFET
Drivers
• Up to 7A Output Capability
• UVLO Detects Both VCC and VIN
• Short-Circuit Protection with Auto-
Restart
• Supports Type II or III Compensation
• Programmable Soft Start
• Fast Transient Response
• High Efficiency: Greater than 94%
• Non-synchronous Start-Up
• Small 10-Pin MSOP Package
• U.S. Patent #6,922,041
TYPICAL APPLICATION DIAGRAM
5 6
3
CSS
47nF
CBST
0.1
μF
L1 SD25-2R2
2.2
μH @ 2.8A
DCR=31m
Ω
Si4922DY
8.3A, 18m
Ω
C3
47
μF
6.3V
R1
68.1k, 1%
VOUT≤VIN
3.3V @ 2A
R2
21.5k, 1%
CVCC
10
μF
6.3V
R3
150k, 1%
R4
100k, 1%
CF1
100pF
CZ2
1.2nF
CP1
39pF
RZ2
12.7k, 1%
8 7
1
DBST
MBR0530
SP6139
1
2
3
4
5
10
9
8
7
6
VCC
GL
GND
VFB
COMP
BST
GH
SWN
SS
UVIN
UVIN
VCC
GND 3
RLF
3.0,5%
U1
CVCC
Ceramic
8050
X5R
QT
SS
GND2
C3, C4
Ceramic
1210
X5R
C4
47
μF
6.3V
RZ3
2.26k, 1%
CZ3
220pF
C1
22
μF
16V
GND
VIN
12V
C1, C2
Ceramic
1210
X5R
R5
Bead
QB
= 5V @ 30mA
0.8V
Si4922DY
8.3A, 18m
Ω
2
4
Fig. 1: SP6139 Application Diagram


Similar Part No. - SP6139EU-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6139EU-L SIPEX-SP6139EU-L Datasheet
148Kb / 13P
   Wide Input, 1.3MHz Synchronous PWM Controller
SP6139EU-L/TR SIPEX-SP6139EU-L/TR Datasheet
148Kb / 13P
   Wide Input, 1.3MHz Synchronous PWM Controller
More results

Similar Description - SP6139EU-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6139 SIPEX-SP6139 Datasheet
148Kb / 13P
   Wide Input, 1.3MHz Synchronous PWM Controller
logo
Exar Corporation
SP6137 EXAR-SP6137 Datasheet
733Kb / 15P
   Wide Input, 900kHz Synchronous PWM Step Down Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Texas Instruments
TPS53119 TI1-TPS53119 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Voltage, Eco-Mode, Synchronous Step-Down Controller
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com