Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW05-0311 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # SW05-0311
Description  Matched GaAs SPST Switch, DC-3.0 GHz with TTL/CMOS Control Input
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW05-0311 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  SW05-0311 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW05-0311 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW05-0311 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW05-0311 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Matched GaAs SPST Switch,
DC-3.0 GHz with TTL/CMOS Control Input
Rev. V6
SW05-0311
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Lead-Free, CR-9 Ceramic Package
Reference Application Note M538 for lead-free solder reflow
recommendations.


Similar Part No. - SW05-0311

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW05-0311 MACOM-SW05-0311 Datasheet
222Kb / 3P
   Match GaAs SPST Switch, DC - 3 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW05-0311 MA-COM-SW05-0311 Datasheet
87Kb / 4P
   Drivers for GaAs FET Switches and Digital Attenuators
SW05-0311 MA-COM-SW05-0311 Datasheet
588Kb / 5P
   Matched GaAs SPST Switch
SW05-0311TR MA-COM-SW05-0311TR Datasheet
588Kb / 5P
   Matched GaAs SPST Switch
SW05-0311 MA-COM-SW05-0311_15 Datasheet
588Kb / 5P
   Matched GaAs SPST Switch
More results

Similar Description - SW05-0311

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-311-PIN MA-COM-SW-311-PIN Datasheet
105Kb / 4P
   Match GaAs SPST Switch, DC-3.0 GHz with TTL/CMOS Control Input
logo
Tyco Electronics
SW-311-PIN MACOM-SW-311-PIN Datasheet
173Kb / 4P
   Matched GaAs SPDT Switch, DC - 3.0 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW-313-PIN MA-COM-SW-313-PIN Datasheet
110Kb / 4P
   Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
logo
Tyco Electronics
SW-313-PIN MACOM-SW-313-PIN Datasheet
140Kb / 4P
   Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW10-0313 MA-COM-SW10-0313 Datasheet
106Kb / 4P
   Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW-313-PIN MA-COM-SW-313-PIN_15 Datasheet
545Kb / 5P
   Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
logo
Tyco Electronics
SW05-0311 MACOM-SW05-0311 Datasheet
222Kb / 3P
   Match GaAs SPST Switch, DC - 3 GHz with TTL/CMOS Control Input
SW-311 MACOM-SW-311 Datasheet
221Kb / 3P
   Match GaAs SPST Switch, DC - 3 GHz with TTL/CMOS Control Input
SW10-0313 MACOM-SW10-0313 Datasheet
222Kb / 3P
   Matched GaAs SPDT Switch, DC - 3 GHz with TTL/CMOS Control Input
SW-313 MACOM-SW-313 Datasheet
220Kb / 3P
   Matched GaAs SPDT Switch, DC - 3 GHz with TTL/CMOS Control Input
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com