Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW65-0014TR Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW65-0014TR
Description  GaAs SPST Absorptive Switch with ASIC Driver, DC-3.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW65-0014TR Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW65-0014TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW65-0014TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW65-0014TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW65-0014TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPST Absorptive Switch with
ASIC Driver, DC-3.0 GHz
Rev. V7
SW65-0014
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Typical Isolation: 42 dB (2,000 MHz)
• Typical Insertion Loss: 1.8 dB (2,000 MHz)
• Integral ASIC TTL/CMOS Driver
• Low DC Power Consumption
• 50 Ohm Nominal Impedance
• Tape and Reel Packaging Available
• Test Boards Available
• SOW-24 Package
Description
M/A-COM's SW65-0014 is a GaAs MMIC absorptive
SPST switch with an integral silicon ASIC driver.
This device is in a 24-lead plastic package. This
switch offers excellent broadband performance and
repeatability from DC to 3 GHz, while maintaining
low DC power dissipation. The SW65-0014 is ideally
suited for wireless infrastructure applications. Also
available in ceramic package with improved
performance.
Ordering Information
Part Number
Package
SW65-0014
Bulk Packaging
SW65-0014TR
1000 piece reel
SW65-0014-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Block Diagram
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RFc
13
C1
2
GND
14
GND
3
GND
15
GND
4
GND
16
GND
5
GND
17
GND
6
GND
18
GND
7
GND
19
RF1
8
VEE
20
GND
9
GND
21
GND
10
VCC
22
GND
11
GND
23
GND
12
GND
24
GND
PIN 1 RFC
GND
GND
GND
GND
GND
GND
VEE
GND
GND
GND
GND
RF1
GND
GND PIN 24
GND
GND
GND
GND
C1 PIN 13
GND
VCC
GND
PIN 12 GND


Similar Part No. - SW65-0014TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW65-0014TR MACOM-SW65-0014TR Datasheet
212Kb / 2P
   GaAs SPST Absorptive Switch with ASIC Driver, DC - 3.0 GHz
More results

Similar Description - SW65-0014TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW65-0014 MACOM-SW65-0014 Datasheet
212Kb / 2P
   GaAs SPST Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007076-000100 MA-COM-MASW-007076-000100 Datasheet
115Kb / 4P
   GaAs SPST Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
Tyco Electronics
MASW-007076-000100 MACOM-MASW-007076-000100 Datasheet
193Kb / 4P
   GaAs SPST Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007072-000100 MA-COM-MASW-007072-000100 Datasheet
130Kb / 5P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007073-000100 MA-COM-MASW-007073-000100 Datasheet
112Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
Tyco Electronics
SW65-0114 MACOM-SW65-0114 Datasheet
211Kb / 2P
   GaAs SPDT Absorptive Switch with ASIC Driver, DC - 3.0 GHz
SW65-0313 MACOM-SW65-0313 Datasheet
251Kb / 3P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW65-0313 MA-COM-SW65-0313 Datasheet
129Kb / 5P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW65-0314 MA-COM-SW65-0314 Datasheet
111Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007075-000100 MA-COM-MASW-007075-000100 Datasheet
117Kb / 4P
   GaAs SPDT Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com