Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-008844-0001TB Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-008844-0001TB
Description  GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC-3.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-008844-0001TB Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASW-008844-0001TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-008844-0001TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-008844-0001TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-008844-0001TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-008844-0001TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
GaAs SPDT Reflective Switch with TTL/CMOS Control Input,
DC-3.0 GHz
Rev. V6
SW-110-PIN
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Isolation vs. Frequency
VSWR vs. Frequency
Compression vs. Control Voltage at 900 MHz
Typical Performance Curves
Insertion Loss vs. Frequency
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
F re que nc y ( G H z)
+ 85°C
+ 25°C
- 55 °C
0
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
F re que nc y ( G H z)
1.0
1.1
1.2
1.3
1.4
1.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
F re que nc y ( G H z)
10
15
20
25
30
35
40
-2.0
-3.0
-4.0
-5.0
-6.0
-7.0
-8.0
C o nt ro l Vo ltage (Vo lt s)
1.0 d B C o mp ressio n
0 .1 d B C o mp r essio n


Similar Part No. - MASW-008844-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008844-0001TB MACOM-MASW-008844-0001TB Datasheet
192Kb / 5P
   GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC - 3.0 GHz
More results

Similar Description - MASW-008844-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-312-PIN MACOM-SW-312-PIN Datasheet
176Kb / 4P
   GaAs SPDT Reflective Switch, DC - 3.0 GHz with TTL/CMOS Control Input
SW-110-PIN MACOM-SW-110-PIN Datasheet
192Kb / 5P
   GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-312-PIN MA-COM-SW-312-PIN Datasheet
105Kb / 4P
   GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW10-0312 MA-COM-SW10-0312 Datasheet
107Kb / 4P
   GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
logo
Tyco Electronics
SW10-0312 MACOM-SW10-0312 Datasheet
221Kb / 3P
   GaAs SPDT Reflective Switch, DC - 3 GHz with TTL/CMOS Control Input
SW-110 MACOM-SW-110 Datasheet
211Kb / 2P
   GaAs SPDT Reflective Switch DC-3 GHz with TTL/CMOS Control Input
SW-312 MACOM-SW-312 Datasheet
220Kb / 3P
   GaAs SPDT Reflective Switch, DC - 3 GHz with TTL/CMOS Control Input
SW-311-PIN MACOM-SW-311-PIN Datasheet
173Kb / 4P
   Matched GaAs SPDT Switch, DC - 3.0 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW-313-PIN MA-COM-SW-313-PIN Datasheet
110Kb / 4P
   Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
logo
Tyco Electronics
SW-313-PIN MACOM-SW-313-PIN Datasheet
140Kb / 4P
   Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com