Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-001150-1316 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-001150-1316
Description  SURMOUNT PIN Diode Switch Element with Thermal Terminal
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-001150-1316 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-001150-1316 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-001150-1316 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-001150-1316 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-001150-1316 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-001150-1316 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-001150-1316 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-001150-1316 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-001150-1316 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MASW-001150-1316 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SURMOUNT PIN Diode Switch Element
with Thermal Terminal
V3
MASW-001150-1316
2
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Electrical Specifications @ TAMB = +25°C
Symbol
Parameter
Conditions
Units
Typical
Maximum
CT Series
Total Capacitance
-25V ,30MHz
pF
0.52
CT Series
Total Capacitance
-25V, 1800MHz
pF
0.37
CT Shunt
Total Capacitance
-25V, 30MHz
pF
0.54
CT Shunt
Total Capacitance
-25V, 1800MHz
pF
0.39
RS Series
Series Resistance
20mA, 30MHz
Ω
1.13
RS Series
Series Resistance
20mA,1800MHz
Ω
1.25
RS Series
Series Resistance
50mA, 30MHz
Ω
0.93
RS Series
Series Resistance
50mA,1800MHz
Ω
1.07
RS Shunt
Series Resistance
10mA, 30MHz
Ω
1.00
RS Shunt
Series Resistance
10mA, 1800MHz
Ω
0.99
VF
Forward Voltage
20mA
V
0.82
0.85
VF
Forward Voltage
50mA
V
0.88
0.90
IR
Reverse Leakage Current
-180V
µA
-10.0
RqJL
Thermal Resistance Series
Steady State
°C/W
36.0
TL
1
Minority Carrier Lifetime
IF 10mA/IR-6mA
µs
8.5
1. Measured from 50% of control voltage to 90% of output voltage
Parameter Units
Port 1
Port 2
Conditions
Minimum
Typical
Maximum
Insertion Loss
dB
- 50mA
-25V
30MHz
0.07
0.10
- 50mA
-25V
1000MHZ
0.30
0.45
- 50mA
-25V
2500MHz
0.60
0.80
Return Loss
dB
- 50mA
-25V
30MHz
36
39
- 50mA
-25V
1000MHZ
18
20
- 50mA
-25V
2500MHz
11
13
Isolation
dB
+ 50mA
+25V
30MHz
60
63
+ 50mA
+25V
1000MHZ
40
42
+ 50mA
+25V
2500MHz
29
33
Input IP3
dBm
- 50mA
-25V
-50mA / -25V
F1 = 500MHz
F2 = 505MHz
PIN = +40dBm(each
tone)
-66
2nd Harmonic
dBc
- 50mA
-25V
50mA / -25V
500MHz /+35dBm
-46
3rd Harmonic
dBc
- 50mA
-25V
50mA / -25V
500MHz /+35dBm
-60


Similar Part No. - MASW-001150-1316

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-001150-13160 MA-COM-MASW-001150-13160 Datasheet
208Kb / 9P
   SURMOUNT PIN Diode Switch Element
MASW-001150-13160-V5 MA-COM-MASW-001150-13160-V5 Datasheet
208Kb / 9P
   SURMOUNT PIN Diode Switch Element
MASW-001150-13160_V5 MA-COM-MASW-001150-13160_V5 Datasheet
208Kb / 9P
   SURMOUNT PIN Diode Switch Element
More results

Similar Description - MASW-001150-1316

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-001150-13160-V5 MA-COM-MASW-001150-13160-V5 Datasheet
208Kb / 9P
   SURMOUNT PIN Diode Switch Element
MASW-001150 MA-COM-MASW-001150_15 Datasheet
208Kb / 9P
   SURMOUNT PIN Diode Switch Element
MASW-001150-13160_V5 MA-COM-MASW-001150-13160_V5 Datasheet
208Kb / 9P
   SURMOUNT PIN Diode Switch Element
MA4SPS502 MA-COM-MA4SPS502_15 Datasheet
152Kb / 4P
   SURMOUNT PIN Diode
MASW-011021 MA-COM-MASW-011021_15 Datasheet
715Kb / 6P
   SURMOUNT Silicon PIN Diode SPDT Switch
MEST2G-150-10-CM30 MA-COM-MEST2G-150-10-CM30 Datasheet
850Kb / 5P
   Pin Diode Switch Element
MEST2G-150-10-CM32 MA-COM-MEST2G-150-10-CM32 Datasheet
847Kb / 5P
   Pin Diode Switch Element
MEST2G-020-15 MA-COM-MEST2G-020-15 Datasheet
835Kb / 5P
   Pin Diode Switch Element
MEST2G-050-45 MA-COM-MEST2G-050-45 Datasheet
904Kb / 5P
   Pin Diode Switch Element
MEST2G-160-10-CM33 MA-COM-MEST2G-160-10-CM33 Datasheet
958Kb / 7P
   Pin Diode Switch Element
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com