Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-003100-1192 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-003100-1192
Description  HMIC??Silicon PIN Diode Switches RoHs Compliant
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-003100-1192 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MASW-003100-1192 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-003100-1192 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-003100-1192 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-003100-1192 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-003100-1192 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-003100-1192 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-003100-1192 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-003100-1192 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MASW-003100-1192 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
6
HMIC™ Silicon PIN Diode Switches
RoHs Compliant
Rev. V6
MASW-001100-1190
MASW-002100-1191
MASW-003100-1192
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Wire Bonding
Thermosonic wedge wire bonding using 0.003” x 0.00025” ribbon or 0.001” diameter gold wire is
recommended. A heat stage temperature of approximately 200oC and a force of 18 to 22 grams should be
used. Ultrasonic energy should be adjusted to the minimum required to achieve a good bond. RF bond wires
should be kept as short as possible.
Mounting
The HMIC switches have TiPtAu back metal. They can be die mounted with a gold-tin eutectic solder preform
or conductive epoxy. Mounting surface must be clean and flat.
Eutectic Die Attachment:
An 80/20 gold-tin eutectic solder preform is recommended with a work surface
temperature of 255oC and a tool tip temperature of 265oC. When hot gas is applied, the tool tip temperature
should be 290oC. The chip should not be exposed to temperatures greater than 320oC for more than
20 seconds. No more than three seconds should be required for attachment. Solders containing tin should not
be used.
Epoxy Die Attachment:
Surface of assembly should be preheated to 125-150oC. A minimum amount of
epoxy should be used. A thin epoxy fillet should be visible around the perimeter of the chip after placement.
Cure epoxy per manufacturer’s schedule.
Chip Outline Drawing
1,2
DIM
INCHES
MM
MIN.
MAX.
MIN.
MAX.
A
0.014
0.018
0.35
0.45
B
0.025
0.029
0.64
0.74
C
0.008 REF
0.20 REF
D
0.004
0.006
0.10
0.15
E
0.004 REF
0.10 REF
F
0.003 REF
0.08 REF
G
0.003 REF
0.08 REF
H
0.020 REF
0.52 REF
Notes:
1. Topside and backside surface metallization is gold, 2.5μm thick typical.
2. Yellow areas indicate wire bonding pads.


Similar Part No. - MASW-003100-1192

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-003100-1192 MACOM-MASW-003100-1192 Datasheet
297Kb / 8P
   Broadband Monolithic Silicon PIN Diode Switches
logo
M/A-COM Technology Solu...
MASW-003100-1192 MA-COM-MASW-003100-1192 Datasheet
343Kb / 9P
   HMIC Silicon PIN Diode Switches
MASW-003100-1192 MA-COM-MASW-003100-1192 Datasheet
343Kb / 9P
   HMIC??Silicon PIN Diode Switches
MASW-003100-1192 MA-COM-MASW-003100-1192 Datasheet
946Kb / 8P
   HMIC Silicon PIN Diode Switches
More results

Similar Description - MASW-003100-1192

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW110 MA-COM-MA4SW110 Datasheet
302Kb / 8P
   HMIC??Silicon PIN Diode Switches RoHS Compliant
MA4SW410 MA-COM-MA4SW410 Datasheet
125Kb / 7P
   HMIC??Silicon SP4T PIN Diode Switch RoHS Compliant
MA4SW510 MA-COM-MA4SW510 Datasheet
489Kb / 7P
   HMIC??Silicon SP5T PIN Diode Switch RoHS Compliant
MA4SW110-210-310 MA-COM-MA4SW110-210-310 Datasheet
817Kb / 9P
   HMIC??Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B_15 Datasheet
151Kb / 7P
   HMIC Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B Datasheet
151Kb / 7P
   HMIC??Silicon PIN Diode Switches
MASW-001100-1190 MA-COM-MASW-001100-1190_2 Datasheet
343Kb / 9P
   HMIC Silicon PIN Diode Switches
MA4SW110 MA-COM-MA4SW110_15 Datasheet
906Kb / 9P
   HMIC Silicon PIN Diode Switches
MASW-001100-002100-003100 MA-COM-MASW-001100-002100-003100 Datasheet
343Kb / 9P
   HMIC??Silicon PIN Diode Switches
MASW-001100 MA-COM-MASW-001100_15 Datasheet
343Kb / 9P
   HMIC Silicon PIN Diode Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com