Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-001100-11900G Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-001100-11900G
Description  HMIC??Silicon PIN Diode Switches RoHs Compliant
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-001100-11900G Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MASW-001100-11900G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-001100-11900G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-001100-11900G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-001100-11900G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-001100-11900G Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-001100-11900G Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-001100-11900G Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-001100-11900G Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MASW-001100-11900G Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
7
HMIC™ Silicon PIN Diode Switches
RoHs Compliant
Rev. V6
MASW-001100-1190
MASW-002100-1191
MASW-003100-1192
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Chip Outline Drawing
1,2
MASW-002100-1191
DIM
INCHES
MM
MIN.
MAX.
MIN.
MAX.
A
0.029
0.033
0.73
0.83
B
0.004
0.006
0.10
0.15
C
0.004 REF
0.10 REF
D
0.005 REF
0.13 REF
E
0.009 REF
0.23 REF
F
0.023 REF
0.58 REF
G
0.007 REF
0.17 REF
H
0.004 REF
0.10 REF
Notes:
1.
Topside and backside surface metallization is gold , 2.5μm thick typical.
2.
Yellow areas indicate wire bonding pads


Similar Part No. - MASW-001100-11900G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-001100-1190 MACOM-MASW-001100-1190 Datasheet
297Kb / 8P
   Broadband Monolithic Silicon PIN Diode Switches
logo
M/A-COM Technology Solu...
MASW-001100-1190 MA-COM-MASW-001100-1190 Datasheet
343Kb / 9P
   HMIC Silicon PIN Diode Switches
MASW-001100-1190 MA-COM-MASW-001100-1190 Datasheet
343Kb / 9P
   HMIC??Silicon PIN Diode Switches
MASW-001100-1190 MA-COM-MASW-001100-1190 Datasheet
946Kb / 8P
   HMIC Silicon PIN Diode Switches
MASW-001100-1190 MA-COM-MASW-001100-1190_2 Datasheet
343Kb / 9P
   HMIC Silicon PIN Diode Switches
More results

Similar Description - MASW-001100-11900G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW110 MA-COM-MA4SW110 Datasheet
302Kb / 8P
   HMIC??Silicon PIN Diode Switches RoHS Compliant
MA4SW410 MA-COM-MA4SW410 Datasheet
125Kb / 7P
   HMIC??Silicon SP4T PIN Diode Switch RoHS Compliant
MA4SW510 MA-COM-MA4SW510 Datasheet
489Kb / 7P
   HMIC??Silicon SP5T PIN Diode Switch RoHS Compliant
MA4SW110-210-310 MA-COM-MA4SW110-210-310 Datasheet
817Kb / 9P
   HMIC??Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B_15 Datasheet
151Kb / 7P
   HMIC Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B Datasheet
151Kb / 7P
   HMIC??Silicon PIN Diode Switches
MASW-001100-1190 MA-COM-MASW-001100-1190_2 Datasheet
343Kb / 9P
   HMIC Silicon PIN Diode Switches
MA4SW110 MA-COM-MA4SW110_15 Datasheet
906Kb / 9P
   HMIC Silicon PIN Diode Switches
MASW-001100-002100-003100 MA-COM-MASW-001100-002100-003100 Datasheet
343Kb / 9P
   HMIC??Silicon PIN Diode Switches
MASW-001100 MA-COM-MASW-001100_15 Datasheet
343Kb / 9P
   HMIC Silicon PIN Diode Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com