Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3078EEN-L Datasheet(PDF) 2 Page - Exar Corporation

Part # SP3078EEN-L
Description  짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3078EEN-L Datasheet(HTML) 2 Page - Exar Corporation

  SP3078EEN-L Datasheet HTML 1Page - Exar Corporation SP3078EEN-L Datasheet HTML 2Page - Exar Corporation SP3078EEN-L Datasheet HTML 3Page - Exar Corporation SP3078EEN-L Datasheet HTML 4Page - Exar Corporation SP3078EEN-L Datasheet HTML 5Page - Exar Corporation SP3078EEN-L Datasheet HTML 6Page - Exar Corporation SP3078EEN-L Datasheet HTML 7Page - Exar Corporation SP3078EEN-L Datasheet HTML 8Page - Exar Corporation SP3078EEN-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3070E-SP3078E_100_061109
2
DEVICE aRCHITECTuRE aND BlOCK DIaGRaMS
VCC
D
R
NC
A
B
Z
Y
R
NC
NC
DE
REB
GND
GND
2
1
3
4
5
6
7
8
9
10
11
12
13
14
D
D
R
A
B
Z
Y
R
GND
2
1
3
4
5
6
7
8
D
VCC
D
R
A
B
RO
GND
2
1
3
4
5
6
7
8
DE
VCC
RE
DI
14 Pin Full Duplex:
SP3070E, 250kbps slew limited
SP3073E, 500kbps slew limited
SP3076E, 16Mbps
8 Pin Full Duplex:
SP3071E, 250kbps slew limited
SP3074E, 500kbps slew limited
SP3077E, 16Mbps
8 Pin Half Duplex:
SP3072E, 250kbps slew limited
SP3075E, 500kbps slew limited
SP3078E, 16Mbps
Devices are available in three industry standard architectures and footprints. In each footprint
there are three speed grades available.


Similar Part No. - SP3078EEN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3078EEN SIPEX-SP3078EEN Datasheet
171Kb / 19P
   15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3078EEN/TR SIPEX-SP3078EEN/TR Datasheet
171Kb / 19P
   15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
More results

Similar Description - SP3078EEN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3070-3078E SIPEX-SP3070-3078E Datasheet
171Kb / 19P
   15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3070-3078E SIPEX-SP3070-3078E_08 Datasheet
198Kb / 19P
   짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe
logo
Exar Corporation
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Sipex Corporation
SP3080E-3088E SIPEX-SP3080E-3088E Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Sipex Corporation
SP1486E SIPEX-SP1486E Datasheet
727Kb / 15P
   5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
logo
Exar Corporation
SP1486E EXAR-SP1486E Datasheet
953Kb / 15P
   5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
logo
Sipex Corporation
SP3080E SIPEX-SP3080E Datasheet
555Kb / 21P
   Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com