Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-003100-11920W Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-003100-11920W
Description  HMIC??Silicon PIN Diode Switches RoHs Compliant
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-003100-11920W Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-003100-11920W Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-003100-11920W Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-003100-11920W Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-003100-11920W Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-003100-11920W Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-003100-11920W Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-003100-11920W Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-003100-11920W Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MASW-003100-11920W Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
HMIC™ Silicon PIN Diode Switches
RoHs Compliant
Rev. V6
MASW-001100-1190
MASW-002100-1191
MASW-003100-1192
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
MASW-001100-1190 (SPST)
Electrical Specifications @ TA = +25
oC, 20mA Bias
Parameter
Frequency
Minimum
Nominal
Maximum
Units
6GHz
-
0.4
0.7
dB
Insertion Loss
13GHz
-
0.5
0.9
dB
20GHz
-
0.7
1.2
dB
6GHz
46
55
-
dB
Isolation
13GHz
39
47
-
dB
20GHz
34
42
-
dB
6GHz
22
31
-
dB
Input Return Loss
13GHz
15
33
-
dB
20GHz
14
27
-
dB
Switching Speed1
-
-
20
-
ns
Voltage Rating2
-
-
-
50
V
Signal Compression (500mW)
1GHz
-
0.2
-
dB
MASW-002100-1191 (SPDT)
Electrical Specifications @ TA = +25
oC, 20mA Bias
Parameter
Frequency
Minimum
Nominal
Maximum
Units
6GHz
-
0.4
0.7
dB
Insertion Loss
13GHz
-
0.5
1.0
dB
20GHz
-
0.7
1.2
dB
6GHz
48
63
-
dB
Isolation
13GHz
40
50
-
dB
20GHz
34
42
-
dB
6GHz
20
27
-
dB
Input Return Loss
13GHz
18
25
-
dB
20GHz
15
25
-
dB
Switching Speed1
-
-
20
-
ns
Voltage Rating2
-
-
-
50
V
Signal Compression (500mW)
1GHz
-
0.2
-
dB
Parameter
Frequency
Minimum
Nominal
Maximum
Units
6GHz
-
0.5
0.8
dB
Insertion Loss
13GHz
-
0.7
1.1
dB
20GHz
-
0.9
1.5
dB
6GHz
49
57
-
dB
Isolation
13GHz
42
48
-
dB
20GHz
33
42
-
dB
6GHz
20
24
-
dB
Input Return Loss
13GHz
14
22
-
dB
20GHz
11
21
-
dB
Switching Speed1
-
-
20
-
ns
Voltage Rating2
-
-
-
50
V
Signal Compression (500mW)
1GHz
-
0.2
-
dB
MASW-003100-1192 (SP3T)
Electrical Specifications @ TA = +25
oC, 20mA Bias
1.) Typical Switching Speed measured from 10 % to 90 % of
detected RF signal driven by TTL compatible drivers.
2.) Maximum reverse leakage current in either the shunt or
series PIN diodes shall be 10mA maximum at -50 volts.
1.) Typical Switching Speed measured from 10 % to 90 % of
detected RF signal driven by TTL compatible drivers.
2.) Maximum reverse leakage current in either the shunt or
series PIN diodes shall be 10mA maximum at -50 volts.


Similar Part No. - MASW-003100-11920W

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-003100-1192 MACOM-MASW-003100-1192 Datasheet
297Kb / 8P
   Broadband Monolithic Silicon PIN Diode Switches
logo
M/A-COM Technology Solu...
MASW-003100-1192 MA-COM-MASW-003100-1192 Datasheet
343Kb / 9P
   HMIC Silicon PIN Diode Switches
MASW-003100-1192 MA-COM-MASW-003100-1192 Datasheet
343Kb / 9P
   HMIC??Silicon PIN Diode Switches
MASW-003100-1192 MA-COM-MASW-003100-1192 Datasheet
946Kb / 8P
   HMIC Silicon PIN Diode Switches
More results

Similar Description - MASW-003100-11920W

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW110 MA-COM-MA4SW110 Datasheet
302Kb / 8P
   HMIC??Silicon PIN Diode Switches RoHS Compliant
MA4SW410 MA-COM-MA4SW410 Datasheet
125Kb / 7P
   HMIC??Silicon SP4T PIN Diode Switch RoHS Compliant
MA4SW510 MA-COM-MA4SW510 Datasheet
489Kb / 7P
   HMIC??Silicon SP5T PIN Diode Switch RoHS Compliant
MA4SW110-210-310 MA-COM-MA4SW110-210-310 Datasheet
817Kb / 9P
   HMIC??Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B_15 Datasheet
151Kb / 7P
   HMIC Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B Datasheet
151Kb / 7P
   HMIC??Silicon PIN Diode Switches
MASW-001100-1190 MA-COM-MASW-001100-1190_2 Datasheet
343Kb / 9P
   HMIC Silicon PIN Diode Switches
MA4SW110 MA-COM-MA4SW110_15 Datasheet
906Kb / 9P
   HMIC Silicon PIN Diode Switches
MASW-001100-002100-003100 MA-COM-MASW-001100-002100-003100 Datasheet
343Kb / 9P
   HMIC??Silicon PIN Diode Switches
MASW-001100 MA-COM-MASW-001100_15 Datasheet
343Kb / 9P
   HMIC Silicon PIN Diode Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com