Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-004103-13650G Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-004103-13650G
Description  HMICTM Silicon PIN Diode SP4T Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-004103-13650G Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MASW-004103-13650G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-004103-13650G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-004103-13650G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-004103-13650G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-004103-13650G Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-004103-13650G Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-004103-13650G Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-004103-13650G Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Silicon SP4T Surface Mount HMIC PIN Diode Switch
RoHS Compliant
Rev. V5
MASW-004103-1365
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Sample Board
Samples test boards are available upon request
Handling Procedures
Attachment to a circuit board is made simple through the use of standard surface mount technology. Mounting
pads are conveniently located on the bottom of the chip and are removed from the active junction locations
making it well suited for solder attachment. Connections may be made onto hard or soft substrates via the use of
80Au/20Sn, or RoHS compliant solders. Typical re-flow profiles for provided in Application Note M538 , “Surface
Mounting Instructions“ and can viewed in the Customer Support, Technical Resources section of the MA-COM
Technology Solutions website at www.macomtech.com.
For applications where the average power is ≤ 1W, a thermally conductive silver epoxy may also be used. Cure
per manufacturers recommended time and temperature. Typically 1 hour at 150°C.
When soldering these devices to a hard substrate, a solder re-flow method is preferred. A vacuum pick up tool
with a soft tip is recommended while placing the chip . When soldering to soft substrates, such as Duroid, a soft
solder is recommended at the circuit board to chip mounting pad interface to minimize stress due to any TCE mis-
matches that may exist. Position the die so that its mounting pads are aligned with the circuit board land pads.
Solder reflow should not be performed by causing heat to flow through the top surface of the die to the back.
Since the HMIC glass is transparent, the edges of the mounting pads can be visually inspected through the die
after attachment is completed.
PCB Land Pattern (All dims. in µm)
DC & RF GND


Similar Part No. - MASW-004103-13650G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-004103-13650G MA-COM-MASW-004103-13650G Datasheet
1Mb / 8P
   Silicon SP4T Surface Mount HMIC PIN Diode Switch
More results

Similar Description - MASW-004103-13650G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-004103-1365_V4 MA-COM-MASW-004103-1365_V4 Datasheet
340Kb / 8P
   HMICTM Silicon PIN Diode SP4T Switch
MASW-011021 MA-COM-MASW-011021 Datasheet
301Kb / 5P
   HMICTM Silicon PIN Diode SPDT Switch
MASW-003103-1364 MA-COM-MASW-003103-1364 Datasheet
320Kb / 8P
   HMICTM Silicon PIN Diode SP3T Switch
MASW-002103-1363_V7 MA-COM-MASW-002103-1363_V7 Datasheet
285Kb / 8P
   HMICTM Silicon PIN Diode SPDT Switch
MASW011021 MA-COM-MASW011021_15 Datasheet
301Kb / 5P
   HMICTM Silicon PIN Diode SPDT Switch
MASW-003103-1364_V2 MA-COM-MASW-003103-1364_V2 Datasheet
320Kb / 8P
   HMICTM Silicon PIN Diode SP3T Switch
MA4SW410 MA-COM-MA4SW410 Datasheet
445Kb / 7P
   HMIC??Silicon SP4T PIN Diode Switch
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
507Kb / 7P
   HMIC??SP4T Silicon PIN Diode Switch
MA4SW410 MA-COM-MA4SW410_14 Datasheet
810Kb / 6P
   HMIC Silicon SP4T PIN Diode Switch
MASW-004100-1193 MA-COM-MASW-004100-1193_2 Datasheet
136Kb / 7P
   HMIC SP4T Silicon PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com