Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-005100-1194 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-005100-1194
Description  HMIC??Silicon PIN Diode Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-005100-1194 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-005100-1194 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-005100-1194 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-005100-1194 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-005100-1194 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-005100-1194 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-005100-1194 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-005100-1194 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
V3
MASW-005100-1194
HMIC™ SP5T Silicon PIN Diode Switch
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Features
♦ Ultra Broad Bandwidth: 50MHz to 26GHz
♦ 0.9 Insertion Loss , 38dB Isolation at 20GHz
♦ 50nS Switching Speed
♦ Reliable, Fully Monolithic, Glass Encapsulated
Construction
♦ +33dBm Power Handling
♦ RoHS Compliant
Description
The MASW-005100-1194 is a SP4T, series-shunt,
broad band, PIN diode, switch made with M/A-COM
Tech’s unique HMICTM (Heterolithic Microwave
Integrated Circuit) process, US Patent 5,268,310.
This process allows for the incorporation of silicon
pedestals that form the series and shunt diodes or
vias by imbedding them in a low loss, low dispersion
glass. This hybrid combination of silicon and glass
gives HMIC switches exceptional low loss and
remarkable high isolation through low millimeter-
wave frequencies.
Applications
This high performance switch is suitable for use in
multi-band ECM, radar, and instrumentation control
circuits where high isolation to insertion loss ratios
are required. With a standard +5V/-5V, TTL
controlled PIN diode driver, 50nS switching speeds
are achieved.
Absolute Maximum Ratings
TAMB = +25°C ( Unless Otherwise Specified )
Notes:
Exceeding these limits may cause permanent
damage.
Maximum operating conditions for the
combination of RF Power, D.C. Bias, and
temperature: +33dBm, @ 15mA/Diode @ +85°C
Parameter
Value
Operating Temperature
-65°C to +125°C
Storage Temperature
-65°C to +150°C
RF C.W. Incident Power (± 20mA)
+33dBm
Bias Current ( Forward )
± 20mA
Applied Voltage ( Reverse )
-25 Volts


Similar Part No. - MASW-005100-1194

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-005100-1194 MACOM-MASW-005100-1194 Datasheet
845Kb / 7P
   Monolithic PIN SP5T Diode Switch
logo
M/A-COM Technology Solu...
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
560Kb / 7P
   HMIC SP5T Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
560Kb / 7P
   HMIC??SP5T Silicon PIN Diode Switch
MASW-005100-11940G MA-COM-MASW-005100-11940G Datasheet
560Kb / 7P
   HMIC SP5T Silicon PIN Diode Switch
MASW-005100-11940W MA-COM-MASW-005100-11940W Datasheet
560Kb / 7P
   HMIC SP5T Silicon PIN Diode Switch
More results

Similar Description - MASW-005100-1194

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
140Kb / 7P
   HMIC??Silicon PIN Diode Switch
MA4SW410B MA-COM-MA4SW410B_15 Datasheet
793Kb / 6P
   HMIC Silicon PIN Diode Switch
MA4SW510B MA-COM-MA4SW510B_15 Datasheet
531Kb / 7P
   HMIC Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102 Datasheet
534Kb / 7P
   HMIC??Silicon PIN Diode Switch
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
   HMIC??Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102_15 Datasheet
534Kb / 7P
   HMIC Silicon PIN Diode Switch
MA4SW410B-1_V4 MA-COM-MA4SW410B-1_V4 Datasheet
781Kb / 6P
   HMIC??Silicon PIN Diode Switch
MASW006102 MA-COM-MASW006102_15 Datasheet
123Kb / 7P
   HMIC Silicon PIN Diode Switch
MASW-004102-12760 MA-COM-MASW-004102-12760 Datasheet
107Kb / 6P
   HMIC??Silicon PIN Diode Switch
MASW006102 MA-COM-MASW006102 Datasheet
123Kb / 7P
   HMIC??Silicon PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com