Electronic Components Datasheet Search |
|
MASW-007070-0001TR Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MASW-007070-0001TR Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 5 page GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz Rev. V4 MASW-007070-000100 • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.4155721 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 1 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Features • Operates DC - 4 GHz on Single Supply • ASIC TTL / CMOS Driver • Low DC Power Consumption • 50 Ohm Nominal Impedance • Test Boards are Available • Tape and Reel are Available • Lead-Free 4 x 6 mm PQFN Package • 100% Matte Tin Plating over Copper • Halogen-Free “Green” Mold Compound • 260°C Reflow Compatible • RoHS* Compliant Version of SW90-0001 Description M/A-COM's MASW-007070-000100 is a SPST ab- sorptive pHEMT switch with integral TTL driver. This device is in an MLP plastic surface mount package. This switch offers excellent broadband performance and repeatability from DC to 4 GHz, while maintaining low DC power dissipation. The MASW- 007070-000100 is ideally suited for wireless infrastructure applications. Ordering Information Part Number Package MASW-007070-000100 Bulk Packaging MASW-007070-0001TR 1000 piece reel MASW-007070-0001TB Sample Test Board Note: Reference Application Note M513 for reel size information. Pin Configuration 1,2,3,4 Pin No. Function Pin No. Function 1 NC 17 NC 2 NC 18 NC 3 C1 19 VCC 4 NC 20 NC 5 NC 21 CP2 6 NC 22 NC 7 NC 23 CP1 8 NC 24 NC 9 NC 25 VEE 10 NC 26 GND 11 GND 27 RF1 12 RF2 28 GND 13 GND 29 NC 14 NC 30 VEE 15 NC 31 NC 16 NC 32 VCC * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1. NC = No Connection 2. VEE is internally generated and must remain isolated from external power supplies. Generated noise is typical of switching DC-DC Converters 3. Connections and external components shown in func- tional schematic are required. 0.1 µF Capacitors need to be located near pins 30 & 32. 4. The exposed pad centered on the package bottom must be connected to RF and DC ground. (For PQFN Pack- ages) Truth Table (Switch) Control Input Condition of the Switch C1 RF1 to RF2 0 Off 1 On |
Similar Part No. - MASW-007070-0001TR |
|
Similar Description - MASW-007070-0001TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |