Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-007070-0001TB Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-007070-0001TB
Description  GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-007070-0001TB Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MASW-007070-0001TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-007070-0001TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-007070-0001TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-007070-0001TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-007070-0001TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
GaAs SPST Switch, Absorptive,
Single Supply, DC-4.0 GHz
Rev. V4
MASW-007070-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
On VSWR vs. Frequency
VSWR (Terminations) vs. Frequency
1.00
1.20
1.40
1.60
1.80
2.00
0
1000
2000
3000
4000
Fre que ncy (MHz )
RF 2 ( On)
RF 1 ( O n)
1.00
1.20
1.40
1.60
1.80
2.00
0
1000
2000
3000
4000
Frequency (MHz)
R F 1 (Off)
R F 2 ( Of f )
Typical Performance Curves
CSP-1, Lead-Free 4 x 6 mm, 32-lead PQFN
Reference Application Note M538 for lead-free solder reflow
recommendations.


Similar Part No. - MASW-007070-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007070-0001TB MACOM-MASW-007070-0001TB Datasheet
266Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
More results

Similar Description - MASW-007070-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007071-000100 MACOM-MASW-007071-000100 Datasheet
268Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007070-000100 MACOM-MASW-007070-000100 Datasheet
266Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
M/A-COM Technology Solu...
SW90-0001 MA-COM-SW90-0001 Datasheet
152Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100_15 Datasheet
808Kb / 6P
   GaAs SPDT Switch, Absorptive Single Supply, DC-4.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100 Datasheet
157Kb / 5P
   GaAs SPDT Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
Tyco Electronics
SW90-0004A MACOM-SW90-0004A Datasheet
178Kb / 4P
   GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0010 MACOM-MASWCC0010 Datasheet
238Kb / 5P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
M/A-COM Technology Solu...
SW90-0003 MA-COM-SW90-0003 Datasheet
152Kb / 5P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0006 MA-COM-MASWCC0006 Datasheet
153Kb / 5P
   GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
SW90-0004A MA-COM-SW90-0004A Datasheet
154Kb / 5P
   GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com