Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-008153-001SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-008153-001SMB
Description  SPDT High Isolation CATV Switch 5 - 1000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-008153-001SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-008153-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-008153-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-008153-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-008153-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
SPDT High Isolation CATV Switch
5 – 1000 MHz
Rev. V2
MASW-008153
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 75 Ω Impedance
• Input Terminated
• Positive Voltage Control
• High Isolation: 65 dB at 870 MHz
• 0.5 micron GaAs PHEMT Process
• Lead-Free 4 mm 20-Lead PQFN Package
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MASW-008153 is a GaAs PHEMT
MMIC single pole double throw (SPDT) switch in a
lead-free 4 mm 20-lead PQFN package.
The
MASW-008153 is ideally suited for applications
where low control voltage, high isolation, small size
and low cost are required.
Typical applications are to replace mechanical
relays in CATV systems. This part can be used in
all 75 Ω systems operating up to 1 GHz.
The MASW-008153 is fabricated using a 0.5 micron
gate length GaAs PHEMT process. The process
features full passivation for performance and
reliability.
Functional Schematic
Ordering Information 1,2
Part Number
Package
MASW-008153-TR3000
13 inch, 3000 piece reel
MASW-008153-001SMB
Sample Board
50 - 1000 MHz tuning
Pin Configuration 3
Pin No.
Pin Name
Description
1
GND
Ground
2
GND
Ground
3
RF1
RF Port 1
4
GND
Ground
5
GT1
RF Ground
6
GI1
RF Ground
7
GND
Ground
8
RFC
RF Common Port
9
GND
Ground
10
GI2
RF Ground
11
GT2
RF Ground
12
GND
Ground
13
RF2
RF Port 2
14
GND
Ground
15
GND
Ground
16
G2
RF Ground
17
V1
Control 1
18
V2
Control 2
19
V1
Control 1
20
G1
RF Ground
3. The exposed pad centered on the package bottom must be connected
to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive
2002/95/EC.
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MASW-008153-001SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008153-001SMB MACOM-MASW-008153-001SMB Datasheet
196Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
More results

Similar Description - MASW-008153-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0068 MA-COM-MASWSS0068 Datasheet
98Kb / 5P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
Tyco Electronics
MASWSS0068 MACOM-MASWSS0068 Datasheet
257Kb / 5P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0069-A5 MACOM-MASWSS0069-A5 Datasheet
230Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MACOM-MASWSS0103 Datasheet
248Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008153 MACOM-MASW-008153 Datasheet
196Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASWSS0103 MA-COM-MASWSS0103 Datasheet
120Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008177 MA-COM-MASW-008177 Datasheet
98Kb / 4P
   SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0067 MA-COM-MASWSS0067 Datasheet
86Kb / 4P
   SPST High Isolation CATV Switch 5 - 1000 MHz
logo
Tyco Electronics
MASW-008177 MACOM-MASW-008177 Datasheet
117Kb / 4P
   SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0067 MACOM-MASWSS0067 Datasheet
114Kb / 4P
   SPST High Isolation CATV Switch 5 - 1000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com