Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-008177-TR3000 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-008177-TR3000
Description  SPST High Isolation CATV Switch 5 - 1000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-008177-TR3000 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASW-008177-TR3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-008177-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-008177-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-008177-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
SPST High Isolation CATV Switch
5 - 1000 MHz
Rev. V1
MASW-008177
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Insertion Loss vs. Frequency over Temperature
Typical Performance Curves
S11 (Switch On) vs. Frequency over Temperature
S11 (Switch Off) vs. Frequency over Temperature
Isolation vs. Frequency over Temperature
0.0
0.2
0.4
0.6
0.8
1.0
0
250
500
750
1000
1250
+25C
-40°C
+85°C
Frequency (MHz)
40
45
50
55
60
65
70
0
250
500
750
1000
1250
+25°C
-40°C
+85°C
Frequency (MHz)
-35
-30
-25
-20
-15
-10
-5
0
0
250
500
750
1000
1250
+25°C
-40°C
+85°C
Frequency (MHz)
-35
-30
-25
-20
-15
-10
-5
0
0
250
500
750
1000
1250
+25°C
-40°C
+85°C
Frequency (MHz)


Similar Part No. - MASW-008177-TR3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008177-TR3000 MACOM-MASW-008177-TR3000 Datasheet
117Kb / 4P
   SPST High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASW-008177-TR3000 MA-COM-MASW-008177-TR3000 Datasheet
560Kb / 5P
   SPST High Isolation CATV Switch
More results

Similar Description - MASW-008177-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0067 MA-COM-MASWSS0067 Datasheet
86Kb / 4P
   SPST High Isolation CATV Switch 5 - 1000 MHz
logo
Tyco Electronics
MASW-008177 MACOM-MASW-008177 Datasheet
117Kb / 4P
   SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0067 MACOM-MASWSS0067 Datasheet
114Kb / 4P
   SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0102 MACOM-MASWSS0102 Datasheet
288Kb / 6P
   SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0068 MACOM-MASWSS0068 Datasheet
257Kb / 5P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0069-A5 MACOM-MASWSS0069-A5 Datasheet
230Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MACOM-MASWSS0103 Datasheet
248Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008153 MACOM-MASW-008153 Datasheet
196Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASWSS0103 MA-COM-MASWSS0103 Datasheet
120Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0068 MA-COM-MASWSS0068 Datasheet
98Kb / 5P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com