Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADS-002502-1246HP Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MADS-002502-1246HP
Description  SURMOUNTTM Low, Medium, and High Barrier Silicon Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADS-002502-1246HP Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADS-002502-1246HP Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADS-002502-1246HP Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADS-002502-1246HP Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADS-002502-1246HP Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADS-002502-1246HP Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SURMOUNTTM Low, Medium, and High
Barrier Silicon Schottky Diodes
M/A-COM Products
Rev. V7
MA4E2502 Series
ADVANCED: Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commit-
ment to produce in volume is not guaranteed.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
Applications Section
The MA4E2502L-1246 chip was evaluated in a detector circuit in which the Schottky diode terminates a
50 ohm transmission line on a duroid substrate. The chip was attached to the terminal of a 3.5mm
connector and the output voltage was measured through a bias tee on a voltmeter.
Matching was not attempted.
MA4E2502L-1246
Frequency (GHz) vs. Output Voltage (V)
0.01
0.1
1
10
8
11
1417
2023
Frequency (GHz)
-20 dBm
-10 dBm
0 dBm
+10 dBm
+20 dBm
MA4E2502L-1246
Input Pow er (dBm ) vs. Output Voltage (V)
0.01
0.1
1
10
-20
-15
-10
-5
0
5
10
Input Pow er (dBm )
8 GHz
18 GHz
23 GHz


Similar Part No. - MADS-002502-1246HP

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADS-002508-1112HT MA-COM-MADS-002508-1112HT Datasheet
103Kb / 4P
   SURMOUNTTM Low, Medium, & High Barrier Silicon Schottky Diodes: Anti-Parallel Pair
More results

Similar Description - MADS-002502-1246HP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E2502 MACOM-MA4E2502 Datasheet
269Kb / 4P
   SURMOUNTTM Low, Medium and High Barrier Silicon Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E2514 MA-COM-MA4E2514 Datasheet
103Kb / 4P
   SURMOUNTTM Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
logo
Tyco Electronics
MA4E2508 MACOM-MA4E2508 Datasheet
102Kb / 4P
   SURMOUNTTM Low and Medium & High Barrier Silicon Schottky Diodes: Anti-Parallel Pair
logo
M/A-COM Technology Solu...
MA4E2508 MA-COM-MA4E2508 Datasheet
103Kb / 4P
   SURMOUNTTM Low, Medium, & High Barrier Silicon Schottky Diodes: Anti-Parallel Pair
MA4E2532 MA-COM-MA4E2532 Datasheet
108Kb / 4P
   SURMOUNTTM Low & Medium Barrier Silicon Schottky Diodes: Ring Quad Series
logo
Tyco Electronics
MA4E2501-1290 MACOM-MA4E2501-1290 Datasheet
106Kb / 3P
   SURMOUNTTM Low Barrier 0201 Footprint Silicon Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E2501 MA-COM-MA4E2501 Datasheet
60Kb / 3P
   SURMOUNTTM Low Barrier 0201 Footprint Silicon Schottky Diodes
MA4E2502_V9 MA-COM-MA4E2502_V9 Datasheet
115Kb / 5P
   SURMOUNTTM Low, Medium, and High
MA4E2513L-1289 MA-COM-MA4E2513L-1289 Datasheet
105Kb / 3P
   SURMOUNTTM Low Barrier Tee ??301??Footprint Silicon Schottky Diodes
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com