Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1117 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SA1117
Description  1A LDO VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1117 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA1117 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SA1117
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.3
2009.07.22
Http:// www.silan.com.cn
Page 2 of 13
Part No.
Package
Marking
Material
Packing Type
SA1117H-ADJTR
SA1117H-ADJ
Pb free
Tape & Reel
SA1117H-1.2TR
SA1117H-1.2
Pb free
Tape & Reel
SA1117H-1.5TR
SA1117H-1.5
Pb free
Tape & Reel
SA1117H-1.8TR
SA1117H-1.8
Pb free
Tape & Reel
SA1117H-2.5TR
SA1117H-2.5
Pb free
Tape & Reel
SA1117H-3.3TR
SA1117H-3.3
Pb free
Tape & Reel
SA1117H-5.0TR
SOT-223-3L
SA1117H-5.0
Pb free
Tape & Reel
SA1117R-ADJ TR
SAJR
Pb free
Tape & Reel
SA1117R-1.2TR
S12R
Pb free
Tape & Reel
SA1117R-1.5TR
S15R
Pb free
Tape & Reel
SA1117R-1.8TR
S18R
Pb free
Tape & Reel
SA1117R-2.5TR
S25R
Pb free
Tape & Reel
SA1117R-3.3TR
S33R
Pb free
Tape & Reel
SA1117R-5.0TR
SOT-89-3L
S50R
Pb free
Tape & Reel
SA1117T-ADJ
SA1117T-ADJ
Pb free
Tube
SA1117T-1.2
SA1117T-1.2
Pb free
Tube
SA1117T-1.5
SA1117T-1.5
Pb free
Tube
SA1117T-1.8
SA1117T-1.8
Pb free
Tube
SA1117T-2.5
SA1117T-2.5
Pb free
Tube
SA1117T-3.3
SA1117T-3.3
Pb free
Tube
SA1117T-5.0
TO-220-3L
SA1117T-5.0
Pb free
Tube
SA1117D-ADJ
SA1117D-ADJ
Pb free
Tube
SA1117D-ADJTR
SA1117D-ADJ
Pb free
Tape & Reel
SA1117D-1.2
SA1117D-1.2
Pb free
Tube
SA1117D-1.2TR
SA1117D-1.2
Pb free
Tape & Reel
SA1117D-1.5
SA1117D-1.5
Pb free
Tube
SA1117D-1.5TR
SA1117D-1.5
Pb free
Tape & Reel
SA1117D-1.8
SA1117D-1.8
Pb free
Tube
SA1117D-1.8TR
SA1117D-1.8
Pb free
Tape & Reel
SA1117D-2.5
SA1117D-2.5
Pb free
Tube
SA1117D-2.5TR
SA1117D-2.5
Pb free
Tape & Reel
SA1117D-3.3
SA1117D-3.3
Pb free
Tube
SA1117D-3.3TR
SA1117D-3.3
Pb free
Tape & Reel
SA1117D-5.0
SA1117D-5.0
Pb free
Tube
SA1117D-5.0TR
TO-252-2L
SA1117D-5.0
Pb free
Tape & Reel
SA1117S-ADJ
SA1117S-ADJ
Pb free
Tube
SA1117S-ADJTR
SA1117S-ADJ
Pb free
Tape & Reel
SA1117S-1.2
SA1117S-1.2
Pb free
Tube
SA1117S-1.2TR
SA1117S-1.2
Pb free
Tape & Reel
SA1117S-1.5
SA1117S-1.5
Pb free
Tube
SA1117S-1.5TR
TO-263-3L
SA1117S-1.5
Pb free
Tape & Reel


Similar Part No. - SA1117

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
SA1117BH-ADJ SILAN-SA1117BH-ADJ Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
More results

Similar Description - SA1117

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
   Bipolar 1A LDO Voltage regulator
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
   Bipolar 1A LDO Voltage regulator
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
   Bipolar 1A LDO voltage regulator
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Micrel Semiconductor
MIC37100 MICREL-MIC37100 Datasheet
163Kb / 15P
   1A LOW VOLTAGE U CAP LDO REGULATOR
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com