Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1469PH Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SA1469PH
Description  4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1469PH Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SA1469PH Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1469PH Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1469PH Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1469PH Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1469PH Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA1469PH Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA1469PH Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA1469PH Datasheet HTML 9Page - Silan Microelectronics Joint-stock SA1469PH Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SA1469PH
6)
When the input voltage through the pin # 3 is below the VREF, then the direction of the motor in forward
direction.
7)
When the input voltage through the pin # 3 is above the VREF, then the direction of the motor in reverse
direction.
8)
If it is desired to change the gain, then the pin # 4 or # 24 can be used.
5. RADIATION FIN IS CONNECTING TO THE INTERNAL GND OF THE PACKAGE.
Connect the fin to the external GND.
6. REGULATOR
This is a typical series regulator that generates a reference voltage internally. A PNP low saturation type tran-
sistor must be connected.
VREF
REG
REO
Attached
PNP
VOUT
Oscillation prevention
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2008.07.23
Http://www.silan.com.cn
Page 6 of 11


Similar Part No. - SA1469PH

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1469TN SILAN-SA1469TN Datasheet
665Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
SA1469XH SILAN-SA1469XH Datasheet
597Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 5.0V OUTPUT VOLTAGE
More results

Similar Description - SA1469PH

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1469TN SILAN-SA1469TN Datasheet
665Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
SA1469XH SILAN-SA1469XH Datasheet
597Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 5.0V OUTPUT VOLTAGE
SA9258 SILAN-SA9258 Datasheet
713Kb / 10P
   4-CH BTL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE
logo
Rohm
BA5938FM ROHM-BA5938FM Datasheet
82Kb / 9P
   4ch BTL driver for CD player
logo
Silan Microelectronics ...
SA9259 SILAN-SA9259 Datasheet
216Kb / 10P
   5-CH BRL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE
logo
Rohm
BA5977FP ROHM-BA5977FP Datasheet
141Kb / 12P
   4ch BTL driver for CD player
logo
Sanyo Semicon Device
LA6242H SANYO-LA6242H_09 Datasheet
159Kb / 9P
   For CD Player 4-channel Bridge (BTL) Driver
logo
Aimtron Technology
AT5658 AIMTRON-AT5658 Datasheet
283Kb / 8P
   4-ch Motor Driver for CD/VCD Player
logo
Rohm
BA5921FP ROHM-BA5921FP Datasheet
146Kb / 9P
   4-channel BTL driver for CD player and CD-ROM drives
logo
Mitsumi Electronics, Co...
MM1469 MITSUMI-MM1469 Datasheet
557Kb / 10P
   4-ch BTL Motor Driver for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com