Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4E1340 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4E1340
Description  Silicon Medium Barrier Schottky Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4E1340 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4E1340 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4E1340 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4E1340 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4E1340 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4E1340 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4E1340 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4E1340 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Silicon Medium Barrier Schottky Diodes
M/A-COM Products
Rev. V8
MA4E1340 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Features
• RF & Microwave Medium Barrier Silicon
70 V Schottky Diode
• Available as Single Diode, Series Pair or
Unconnected Pair Configurations.
• Low Profile Surface Mount Plastic Package
• Lead Free (RoHS Compliant) Equivalents Avail-
able With 260 Deg. C Reflow Capability
Description and Applications
The MA4E1340 series is a silicon medium barrier
schottky diode suitable for use in mixer, detector and
limiter circuits. These diodes are also suitable for
usage
in
anti-parallel,
shunt
power
surge
protection circuits for 50
Ω and 75 Ω systems.
These parts are offered with Sn/Pb plating, as well
as with 100 % matte Sn plating on the RoHS compli-
ant part numbers.
The MA4E1340 Series of Schottky diodes is available in the
SOT-23 ( case style 287 ), SOT-143 ( case style 1068 ),
SOT-323 ( case style 1146 ) and the SOD 323, ( case style
1141 ) plastic package. These packages are supplied
on tape and reel for automatic pick and place as-
sembly and for surface mount placement to circuit
boards, as indicated by a “T” to the P/N suffix.
These Silicon Medium Barrier, 70 V Schottky Diodes
are Useful in Detector, Limiter, Mixer, and Surge
Protection Applications for Operating Frequency
Bands from DC through 6 GHz.
Package Outlines
SOT-23 (287)
SOT-323 (1146)
SOT-143 (1068)
SOD-323 (1141)
SC-79 (1279)


Similar Part No. - MA4E1340

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E1340 MACOM-MA4E1340 Datasheet
142Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340A-1141T MACOM-MA4E1340A-1141T Datasheet
142Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340A-1146T MACOM-MA4E1340A-1146T Datasheet
142Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340A-287T MACOM-MA4E1340A-287T Datasheet
142Kb / 7P
   Silicon Medium Barrier Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E1340A1-1141T MA-COM-MA4E1340A1-1141T Datasheet
691Kb / 6P
   Silicon Medium Barrier Schottky Diodes
More results

Similar Description - MA4E1340

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1338 MA-COM-MA4E1338 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MA-COM-MA4E1340_16 Datasheet
691Kb / 6P
   Silicon Medium Barrier Schottky Diodes
logo
Tyco Electronics
MA4E1338 MACOM-MA4E1338 Datasheet
123Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MACOM-MA4E1340 Datasheet
142Kb / 7P
   Silicon Medium Barrier Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E1339_V9 MA-COM-MA4E1339_V9 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
logo
Tyco Electronics
MA4E1339 MACOM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339_16 Datasheet
656Kb / 6P
   Silicon Medium Barrier Schottky Diodes
MSS40-XXX-X MA-COM-MSS40-XXX-X Datasheet
702Kb / 5P
   Medium Barrier Silicon Schottky Diodes
MA4E1338_V7 MA-COM-MA4E1338_V7 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com