Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4L021-134 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MA4L021-134
Description  Silicon PIN Limiter Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4L021-134 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MA4L021-134 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4L021-134 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4L021-134 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4L021-134 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4L021-134 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4L021-134 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MA4L
Series
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Silicon PIN Limiter Diodes
V13
Notes for Specification and Nominal High Signal Performance Tables:
1) Maximum Series Resistance: RS, is measured at 500 MHz in the ODS-30 package and is equivalent to the
total diode resistance: RS = Rj (Junction Resistance) + RO (Ohmic Resistance)
2) Nominal C.W. Thermal Resistance: ӨTH is measured in a ceramic pill package, ODS-30, mounted to a
metal (infinite) heatsink. Chip only thermal resistance values are approximately 2°C/W lower than the
ODS-30 listed package values in the specifications table.
3) Maximum High Signal Performance: Measured using a single shunt diode (die) attached directly to the gold
plated RF housing ground with 2 mil thick conductive silver epoxy in a 50Ω, SMA, connectorized test fixture.
Chip anode contact is thermo-compression wire bonded using a 1 mil. diameter gold wire onto a 7.2 mil thick
Rogers 5880 Duroid microstrip trace. A shunt coil provides the D.C. return. Test frequency = 9.4 GHz,
RF pulse width = 1.0 µS, Duty Cycle = 0.001%.
4) Maximum C.W. Incident Power: Measured in a 50Ω, SMA, connectorized housing @ 4GHz utilizing a TWT
amplifier and the same single diode assembly configuration as stated in Note 3 above.
Die Handling and Mounting Information
Handling: All semiconductor chips should be handled with care in order to avoid damage or contamination
from perspiration, salts, and skin oils. For individual die, the use of plastic tipped tweezers or vacuum pick up
tools is strongly recommended. Bulk handling should ensure that abrasion and mechanical shock are minimized.
Die Attach: The die have Ti-Pt-Au back and anode metal, with a final gold thickness of 1.0µM. Die can be
mounted with a gold-tin, eutectic solder perform or conductive silver epoxy. The metal RF and D.C. ground plane
mounting surface must be free of contamination and should have a surface flatness or < ± 0.002”.
• Eutectic Die Attachment Using Hot Gas Die Bonder: An 80/20, gold / tin eutectic solder perform is
recommended with a work surface temperature of 255°C and a tool tip temperature of 220°C. When the hot
gas is applied, the temperature at the tool tip should be approximately 290°C. The chip should not be
exposed to a temperatures in excess of 320°C for more than 10 seconds.
• Eutectic Die Attachment Using Reflow Oven: Refer to Application Note M538, “Surface Mounting
Instructions”.
• Epoxy Die Attachment: A thin, controlled amount of electrically conductive silver epoxy should be applied,
approximately 1-2 mils thick to minimize ohmic and thermal resistances. A small epoxy fillet should be visible
around the outer perimeter of the chip after placement to ensure full area coverage. Cure the conductive
silver epoxy per the manufacturer’s schedule, typically 150˚C for 1 hour.
Wire Bonding: The chip’s anode metallization stack is comprised of Ti/Pt/Au with a final gold thickness of
1.0µM. Thermo-compression wedge bonding using a .7 to 1 mil diameter gold wire is recommended, depending
on the contact diameter. The heat stage temperature should be set to approximately 200°C with a bonding tip
temperature of 125˚C and a force of 18 to 40 grams. Use of ultrasonic energy is not advised but if necessary it
should be adjusted to the minimum required to achieve a good bond. Excessive energy or force applied to the top
contact will cause the metallization to dislodge and lift off. Automatic ball bonding may also be used.
See Application Note M541, “Bonding and Handling Procedures for Chip Diode Devices” for more detailed handling and
assembly information.


Similar Part No. - MA4L021-134

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4L021-134 MACOM-MA4L021-134 Datasheet
205Kb / 3P
   Limiter PIN Diodes
MA4L021-134 MACOM-MA4L021-134 Datasheet
374Kb / 6P
   Silicon PIN Limiter Diodes
logo
List of Unclassifed Man...
MA4L021-134 ETC2-MA4L021-134 Datasheet
191Kb / 7P
   Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MA4L021-134 MA-COM-MA4L021-134 Datasheet
724Kb / 8P
   Silicon PIN Limiter Diodes
More results

Similar Description - MA4L021-134

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA4L401-30 ETC2-MA4L401-30 Datasheet
191Kb / 7P
   Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110_15 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
MADL-0110 MA-COM-MADL-0110 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L_15 Datasheet
724Kb / 8P
   Silicon PIN Limiter Diodes
logo
Tyco Electronics
MA4L MACOM-MA4L_1 Datasheet
374Kb / 6P
   Silicon PIN Limiter Diodes
MA4L MACOM-MA4L Datasheet
205Kb / 3P
   Limiter PIN Diodes
logo
Microsemi Corporation
GMP4201 MICROSEMI-GMP4201 Datasheet
133Kb / 2P
   Surface Mount PIN & Limiter Diodes
logo
M/A-COM Technology Solu...
MLP7130-0805-2 MA-COM-MLP7130-0805-2 Datasheet
642Kb / 5P
   Silicon Limiter PIN Diode
logo
American Microsemicondu...
MLD5117 AMMSEMI-MLD5117 Datasheet
692Kb / 1P
   LIMITER DIODES
MLD5119 AMMSEMI-MLD5119 Datasheet
692Kb / 1P
   LIMITER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com