Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN21SV06EMPX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN21SV06EMPX
Description  TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN21SV06EMPX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN21SV06EMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN21SV06EMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN21SV06EMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN21SV06EMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN21SV06EMPX Datasheet HTML 9Page - Fairchild Semiconductor FAN21SV06EMPX Datasheet HTML 10Page - Fairchild Semiconductor FAN21SV06EMPX Datasheet HTML 11Page - Fairchild Semiconductor FAN21SV06EMPX Datasheet HTML 12Page - Fairchild Semiconductor FAN21SV06EMPX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN21SV06 Rev. 1.0.1
9
Typical Performance Characteristics
Typical operating characteristics using the circuit shown in Figure 1, unless otherwise specified.
1.8V_Eff 8-24V_300Khz
70
75
80
85
90
95
01
23
4
5
6
Load (A)
8V
12V
16V
20V
24V
3.3V_Eff 8-24V_300Khz
70
75
80
85
90
95
01
2
3
456
Load (A)
8V
12V
16V
20V
24V
Figure 12.
1.8 VOUT Efficiency Over VIN vs. Load
Figure 13. 3.3 VOUT Efficiency vs. Load
(Circuit Value Changes)
Line Regulation
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
5
10
15
20
25
Input Voltage (V)
No Load
0.5A
Load Regulation
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
01
23
4
5
6
7
Load (A)
12V Input
16V Input
Figure 14. 1.8 VOUT Line Regulation
Figure 15. 1.8 VOUT Load Regulation
Peak CaseTempr over Mosfet Location
@ Room Tempr - 3.3V Output, 500Khz
0
10
20
30
40
50
60
70
80
90
1
2
34
56
Load (A)
12Vin_HS
12Vin_LS
24Vin_HS
24Vin_LS
Peak CaseTempr over Mosfet Location
@ Room Tempr - 5V Output, 300Khz
0
10
20
30
40
50
60
70
80
90
12
34
56
Load (A)
14V_HS
14V_LS
Figure 16. Peak Case Temp over MOSFET Locations
3.3V Output, 12V and 24V Input (500KHz)
Figure 17. Peak Case Temp. Over MOSFET Locations
5V Output (300KHz)


Similar Part No. - FAN21SV06EMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN21SV06EMPX FAIRCHILD-FAN21SV06EMPX_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
More results

Similar Description - FAN21SV06EMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
logo
Fairchild Semiconductor
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
Texas Instruments
LM20136 TI-LM20136_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM20136 6A, Synchronous Buck Regulator with Input Synchronization
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com