Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4L032 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MA4L032
Description  Silicon PIN Limiter Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4L032 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MA4L032 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4L032 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4L032 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4L032 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4L032 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4L032 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MA4L
Series
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Silicon PIN Limiter Diodes
V13
Package Description
Nominal
CPKG
pF
LS
nH
30
Ceramic Pill
0.18
0.60
31
Ceramic Pill
0.18
0.60
32
Ceramic Pill
0.30
0.40
134
Chip
N/A
N/A
137
Epoxy Encapsulated Ceramic Surface Mount with Leads
0.14
0.70
186
Ceramic Surface Mount with Leads
0.15
0.70
1056
Ceramic Surface Mount with Wrap Around Contacts
0.20
0.70
1088
Epoxy Encapsulated Ceramic Surface Mount with Leads
0.12
0.70
Package
Style
120
Ceramic Pill
0.13
0.40
1249
Epoxy Encapsulated Ceramic Surface Mount with Wrap Around Contacts
0.12
0.70
Part Numbering and Ordering Information
When ordering the die only
, use the base part number followed by a dash and the number 134.
For example: The chip version of base part number MA4L021 is MA4L021-134.
When ordering packaged parts
, use the base part number followed by a dash plus the associated suffix as
defined in Table I “Available Case Styles” below, except where the complete part number with dash number is given.
For example: The MA4L011-134 die in the 186 style package becomes MA4L011-186.
The capacitance values in the specification table on page 2 lists the junction capacitance for the chip. The capacitance for the
same chip in an alternative package will be different and is computed by adding the junction capacitance of the chip plus the
parasitic capacitance of the alternative package as defined in Table II “Associated Package Parasitics
” below.
Base Part
Available Package Styles
MA4L011
30, 31, 32, 54, 134, 137,186, 1056, 1088
MA4L021
31, 120, 134, 1056
MA4L022
30, 32, 120, 134, 137, 186, 1056
MA4L031
31, 36, 134, 186, 1056
MA4L032
31, 32, 134, 186, 1056
MA4L062
134
MA4L101
30, 134, 186
MA4L401
30, 31, 120,134, 1056
MA4L301
31,1249, 1056
MADL-000062-105600
1056 (uses MA4L062 chip)
MADL-000301-01340W
134 (chip used in MA4L301 series)
Table II Associated Package Parasitics
Table I Available Case Styles
Package dimensions can be found on the M/A-COM Technology Solutions website under Outline Drawings
134
Chip
31,32
30
137
1088
186
1056
120
1249


Similar Part No. - MA4L032

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4L032 MA-COM-MA4L032 Datasheet
724Kb / 8P
   Silicon PIN Limiter Diodes
logo
Tyco Electronics
MA4L032-134 MACOM-MA4L032-134 Datasheet
205Kb / 3P
   Limiter PIN Diodes
MA4L032-134 MACOM-MA4L032-134 Datasheet
374Kb / 6P
   Silicon PIN Limiter Diodes
logo
List of Unclassifed Man...
MA4L032-134 ETC2-MA4L032-134 Datasheet
191Kb / 7P
   Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MA4L032-134 MA-COM-MA4L032-134 Datasheet
724Kb / 8P
   Silicon PIN Limiter Diodes
More results

Similar Description - MA4L032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA4L401-30 ETC2-MA4L401-30 Datasheet
191Kb / 7P
   Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110_15 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
MADL-0110 MA-COM-MADL-0110 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L_15 Datasheet
724Kb / 8P
   Silicon PIN Limiter Diodes
logo
Tyco Electronics
MA4L MACOM-MA4L_1 Datasheet
374Kb / 6P
   Silicon PIN Limiter Diodes
MA4L MACOM-MA4L Datasheet
205Kb / 3P
   Limiter PIN Diodes
logo
Microsemi Corporation
GMP4201 MICROSEMI-GMP4201 Datasheet
133Kb / 2P
   Surface Mount PIN & Limiter Diodes
logo
M/A-COM Technology Solu...
MLP7130-0805-2 MA-COM-MLP7130-0805-2 Datasheet
642Kb / 5P
   Silicon Limiter PIN Diode
logo
American Microsemicondu...
MLD5117 AMMSEMI-MLD5117 Datasheet
692Kb / 1P
   LIMITER DIODES
MLD5119 AMMSEMI-MLD5119 Datasheet
692Kb / 1P
   LIMITER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com