Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1787 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SA1787
Description  SINGLE-CHIP TUNER IC FOR CAR RADIOS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1787 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SA1787 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1787 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1787 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1787 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1787 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1787 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA1787 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA1787 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA1787 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SA1787
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.08.29
Http://www.silan.com.cn
Page 1 of 19
QFP-64-14 x 14-0.8
SINGLE-CHIP TUNER IC FOR CAR RADIOS
DESCRIPTION
The SA1787 is a high performance tuner circuit for AM and FM car
radio. It integrates mixer, IF amplifier, signal detection circuit and
stereo decoder for AM and FM. It achieves stereo tuning with
advanced technology and less peripheral components.
FEATURES
FM-Part
∗ RF AGC generation for RF and IF detection
∗ I/Q mixer for 1st FM IF 10.7MHz with image rejection
∗ Excellent FM signal meter linearity
∗ MPX integrated in a single chip
∗ Improve FM separation temperature characteristics
∗ Improve FM thermal characteristics
AM-Part
∗ Wide and narrow AGC generation
∗ Mixer for 1st IF 10.7MHz, AM up conversion
∗ Mixer for 2nd IF 450kHz, AM down conversion
∗ Integrated AM-demodulator
∗ AM IF and audio noise blanking
∗ Improve AM adjacent channel interference characteristics
Improve AM thermal characteristics
APPLICATIONS
Car Radios
ORDERING INFORMATION
Device
Package
Marking
SA1787
QFP-64-14x14-0.8
SA1787


Similar Part No. - SA1787

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SA17 CHENDA-SA17 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA17 PANJIT-SA17 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA17 FCI-SA17 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA17 TSC-SA17 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Chongqing Pingwei Enter...
SA17 CHONGQING-SA17 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA1787

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
LA1895M SANYO-LA1895M Datasheet
139Kb / 4P
   Single-Chip Tuner IC for Car Radios
LA1776M SANYO-LA1776M_09 Datasheet
544Kb / 41P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M_09 Datasheet
600Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1784M SANYO-LA1784M Datasheet
568Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M_09 Datasheet
514Kb / 48P
   For Car Radios Single-Chip Tuner IC
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
   Single chip Tuner IC for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com