Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN4800ANY Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN4800ANY
Description  PFC/PWM Controller Combination
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800ANY Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN4800ANY Datasheet HTML 5Page - Fairchild Semiconductor FAN4800ANY Datasheet HTML 6Page - Fairchild Semiconductor FAN4800ANY Datasheet HTML 7Page - Fairchild Semiconductor FAN4800ANY Datasheet HTML 8Page - Fairchild Semiconductor FAN4800ANY Datasheet HTML 9Page - Fairchild Semiconductor FAN4800ANY Datasheet HTML 10Page - Fairchild Semiconductor FAN4800ANY Datasheet HTML 11Page - Fairchild Semiconductor FAN4800ANY Datasheet HTML 12Page - Fairchild Semiconductor FAN4800ANY Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800A/C, FAN4801/1S/2/2L • Rev. 1.0.2
9
Electrical Characteristics
VDD=15V, TA=25°C, RT=6.8kΩ, CT=1000pF unless noted operating specifications.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDD Section
IDD ST
Startup Current
VDD=VTH-ON-0.1V; OPFC OPWM Open
30
80
µA
IDD-OP
Operating Current
VDD=13V; OPFC OPWM Open
2.0
2.6
5.0
mA
VTH-ON
Turn-On Threshold
Voltage
10
11
12
V
ΔVTH
Hysteresis
1.5
1.9
V
VDD-OVP
VDD OVP
27
28
29
V
ΔVDD-OVP
VDD OVP Hysteresis
1
V
Oscillator
fOSC-RT/CT
RT/CT Frequency
RT=6.8kΩ, CT=1000pF
240
256
268
kHz
PFC & PWM Frequency
60
64
67
fOSC
FAN4800C,FAN4802/02L
PWM Frequency
RT=6.8kΩ, CT=1000pF
120
128
134
kHz
fDV
Voltage Stability
11V ≦ VDD ≦ 22V
2
%
fDT
Temperature Stability
-40°C ~ +105°C
2
%
fTV
Total Variation
(PFC & PWM)
(3)
Line, Temperature
58
70
kHz
fRV
Ramp Voltage
(3)
Valley to Peak
2.8
V
IDischarge
Discharge Current
VRAMP=0V, VRT/CT=2.5V
6.5
15
mA
fRANGE
Frequency Range
(3)
50
75
kHz
tPFCD
PFC Dead Time
RT=6.8kΩ, CT=1000pF
400
600
800
ns
VREF
VVREF
Reference Voltage
IREF=0mA, CREF=0.1µF
7.4
7.5
7.6
V
ΔVVREF1
Load Regulation of
Reference Voltage
CREF=0.1µF, IREF=0mA to 3.5mA
VVDD=14V, Rise/Fall Time > 20µs
30
50
mV
ΔVVREF2
Line Regulation of
Reference Voltage
CREF=0.1µF, VVDD=11V to 22V
25
mV
ΔVVREF-DT(3) Temperature Stability
-40°C ~ +105°C
0.4
0.5
%
ΔVVREF-TV(3) Total Variation
Line, Load, Temp
7.35
7.65
V
ΔVVREF-LS(3)
Long-Term Stability
TJ=125°C, 0 ~ 1000HRs
5
25
mV
IREF-MAX.
Maximum Current
VVREF > 7.35V
5
mA
IOS
(3)
Output Short Circuit
25
mA
PFC OVP Comparator
VPFC-OVP
Over-Voltage Protection
2.70
2.75
2.80
V
ΔVPFC-OVP
PFC OVP Hysteresis
200
250
300
mV
Low-Power Detect Comparator
VEAOFF
VEA Voltage OFF OPFC
0.2
0.3
0.4
V
VIN OK Comparator
VRD-FBPFC
Voltage Level on FBPFC
to Enable OPWM During
Startup
2.3
2.4
2.5
V
ΔVRD-FBPFC
Hysteresis
1.15
1.25
1.35
V


Similar Part No. - FAN4800ANY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800ANY FAIRCHILD-FAN4800ANY Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
More results

Similar Description - FAN4800ANY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com