Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2159 Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SA2159
Description  VOLTAGE CONTROLLED AMPLIFIER FOR ELECTRONIC VOLUME CONTROL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2159 Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SA2159 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SA2159 Datasheet HTML 11Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SA2159
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.0
2005.04.22
Http: www.silan.com.cn
Page 9 of 11
The process characteristics and internal power consumption determine the highest supply voltage. +15V is the
nominal limit.
A resistive current source determining the current available for the core is connected to the negative supply
terminal. As mentioned before, this source must supply 200
µA current over the sum of the required signal
currents including input signal current, output signal current and the bias to run the rest of the IC. 2.4mA is
recommended for most pro audio applications where +15V supplies are common and headroom is important.
Bypassing at pin 5 is not necessary because pin 5 is a current supply, not a voltage supply.
Pin 6 is used as a ground reference for the VCA which connect the non-inverting input of the internal op amp,
as a portion of the internal bias network. It may not be used as an additional input pin.
Voltage control
Pin 3 is the primary voltage control pin. This point controls gain is inversely proportional to applied voltage:
positive voltage causes loss, negative voltage causes gain. The current gain of the VCA is unity when pin 3 is at
0V and varies with voltage at approximately -5.9m/dB, at room temperature.
As implied by the equation for Av at the foot of page 3, the gain is sensitive to temperature. The constant of
proportionality is 0.33% of the decibel gain commanded, per degree Celsius, referenced to 27
°C (300K). The
formula is:
Gain = (EC+ - EC-) / (0.0059 * 1.0033 *
T).
Where
∆T is the difference between the actual temperature and room temperature (27°C)
For most audio applications, this change with temperature is of little consequence. However, if necessary, it
may be compensated by a resistor which varies its value by 0.33%/
°C.
When pin 3 is used for voltage control, Pin 2 is connected to ground and pin 4 is used to apply a small
symmetry voltage (~
±4 mV) to correct for VBE mismatches within the VCA IC. Therefore, in order to obtain
optimum performance, pin 4 connects with an external impedance of approximately 50
Ω. A trim pot is used to
adjust the voltage between pin 4 and pin 2 as shown in typical application circuit. Voltage adjustment range is
±4
mV.
Pin 2 and pin4 can be used together as an opposite sense voltage control port (See Figure 4). Pin 3 may be
grounded and pin 2 driven against the symmetry-adjustment voltage. The change of voltage at pin 4 does have a
small effect on the symmetry voltage, but this is of little practical consequence in most applications.
The chip can combine all control ports together with differential drive (See Figure 10). While the driving circuitry
is more complex, this configuration offers better performance at high attenuation levels (<-90dB) where the single
control port circuits begin to saturate Q1 (for EC- drive) or Q3 (for EC+ drive). When either of these transistors
saturates, the internal op amp will accommodate the change in current demand by responding with a small
change in its input offset voltage. This leads to an accumulation of charge on the input capacitor, which in turn
can cause thump when the high attenuation is suddenly removed(e.g., when a muted channel is opened).
Differential control drive avoids the large dc levels otherwise required to command high attenuation (+600mV or -
100dB gain at pin 3 alone, vs.
±300mV when using both pin 3 and pins 2 and 4).
Control port drive impedance
In order to reduce distortion, it is necessary to use low source impedance at the control port. Thus, this often
suggests an op amp is used to drive the control port directly (see below under noise considerations). However,
due to falling loop gain at high frequencies, the closed-loop output impedance of an op amp typically rises. The
output impedance is therefore inductive at high frequencies. Excessive inductance can cause the VCA to


Similar Part No. - SA2159

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA210 WTE-SA210 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA210 PANJIT-SA210 Datasheet
110Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Bedford Opto Technology...
SA210 BOT-SA210 Datasheet
42Kb / 2P
   5mm LED Assembly Single Way to 4 Way
logo
Pan Jit International I...
SA210 PANJIT-SA210 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
SA210 PANJIT-SA210 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
More results

Similar Description - SA2159

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
   Electronic volume control
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
   Electronic volume control
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M5241L MITSUBISHI-M5241L Datasheet
813Kb / 12P
   DUAL VCA FOR ELECTRONIC VOLUME CONTROL
logo
Shenzhenshi YONGFUKANG ...
CSC62429 YONGFUKANG-CSC62429 Datasheet
201Kb / 5P
   Serial data controlled dual channel electronic volume control
logo
Sanyo Semicon Device
LC7536R SANYO-LC7536R Datasheet
111Kb / 6P
   High Breakdown Voltage Serial Control Electronic Volume Control
logo
Toshiba Semiconductor
TC9210P TOSHIBA-TC9210P Datasheet
325Kb / 9P
   ELECTRONIC VOLUME CONTROL IC
logo
Samsung semiconductor
KA2250 SAMSUNG-KA2250 Datasheet
196Kb / 8P
   DUAL ELECTRONIC VOLUME CONTROL
S5A2250A01 SAMSUNG-S5A2250A01 Datasheet
132Kb / 12P
   DUAL ELECTRONIC VOLUME CONTROL
logo
Toshiba Semiconductor
TC9299P TOSHIBA-TC9299P Datasheet
251Kb / 7P
   ELECTRONIC VOLUME CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com