Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA7265 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SA7265
Description  2CH AUDIO POWER AMPLIFIER(25W X2)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7265 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SA7265 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7265 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7265 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7265 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7265 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA7265 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA7265 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA7265 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SA7265 Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SA7265
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2006.05.25
Http: www.silan.com.cn
Page 6 of 12
magnitude of load impedance, a higher degree of reactance will cause a higher level of power dissipation within
the amplifier. As a general rule, the power dissipation of an amplifier driving a 60º reactive load (usually
considered to be a worst-case loudspeaker load) will be roughly that of the same amplifier driving the resistive
part of that load. For example, a loudspeaker may at some frequency have an impedance with a magnitude of 8
and a phase angle of 60º. The real part of this load will then be 4
Ω, and the amplifier power dissipation will
roughly follow the curve of power dissipation with a 4
Ω load.
TYPICAL APPLICATION CIRCUIT IN SPLIT SUPPLY
Note: Figures for the SA7265.


Similar Part No. - SA7265

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA7264 SILAN-SA7264 Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7264A SILAN-SA7264A Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7264B SILAN-SA7264B Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7267 SILAN-SA7267 Datasheet
292Kb / 10P
   2CH AUDIO POWER AMPLIFIER(20W X 2)
SA7267A SILAN-SA7267A Datasheet
292Kb / 10P
   2CH AUDIO POWER AMPLIFIER(20W X 2)
More results

Similar Description - SA7265

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA7264 SILAN-SA7264 Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7412 SILAN-SA7412 Datasheet
138Kb / 6P
   2CH AUDIO POWER AMPLIFIER(1W X2)
SA7269 SILAN-SA7269 Datasheet
312Kb / 10P
   2CH AUDIO POWER AMPLIFIER(10W X2)
logo
Toshiba Semiconductor
TA8220HQ TOSHIBA-TA8220HQ_06 Datasheet
1Mb / 15P
   30W BTL 횞 2ch Audio Power Amplifier
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
   20W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
   30W BTL X 2ch Audio Power Amplifier
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8210H TOSHIBA-TA8210H Datasheet
740Kb / 11P
   22W BTL x 2CH AUDIO POWER AMPLIFIER
1990-6-12
TA8221AH TOSHIBA-TA8221AH Datasheet
594Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8246H TOSHIBA-TA8246H Datasheet
370Kb / 10P
   DUAL AUDIO POWER AMPLIFIER 6W x 2CH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com