Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA7347 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SA7347
Description  4CH AUDIO POWER AMPLIFIER(8W X4)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7347 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA7347 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA7347 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7347 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7347 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7347 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7347 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA7347 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA7347 Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SA7347
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.1
2007.07.27
Http: www.silan.com.cn
Page 2 of 9
ABSOLUTE MAXIMUM RATING (Tamb=25°C)
Characteristics
Symbol
Condition
Rating
Unit
Supply Voltage
VCC
Operating
-0.3 ~ +22
V
Input Voltage
VIN
-0.3 ~ VCC + 0.3
V
Repetitive Peak Output Current
IORM
4
A
Storage Temperature Range
Tstg
non-operating
-55 ~ +150
°C
Ambient Temperature Range
Tamb
-40 ~ +85
°C
Total Power Dissipation
Ptot
69
W
Supply Voltage to Guarantee Short-circuit Protection VCC(SC)
17
V
Thermal Resistance From Junction to Ambient
Rth(j-a)
In free air
40
°C/W
Thermal Resistance From Junction to Case
Rth(j-c)
All channels driven
1.3
°C/W
ELECTRICAL CHARACTERISTICS
(Unless otherwise stated, VCC=15V, RL(SE)=4 , RL(BTL)=8 , f=1kHz, Vstby=VCC, Tamb=25
°C)
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Quiescent Supply Current
Icq
RL=
--
100
145
mA
Standby Supply Current
Istby
--
--
1
mA
DC Output Voltage
VO
--
6.9
--
V
Differential Output Voltage Offset
VOUT
BTL(*)
--
--
170
mV
play
VCC/2+3
--
VCC
mute
4.5
--
VCC/2+2
Select Voltage on Pin STBY
Vstby
standby
0
--
0.8
V
Select Current on Pin STBY
Ibias
VCC/2+2<Vstby< VCC
--
--
20
µA
THD=10%, BTL, RL=4
--
22
--
SE RL=3
--
8
--
SE RL=4
--
6
--
BTL RL=6
--
17
--
THD=10%
BTL RL=8
--
13
--
SE RL=3
--
7
--
SE RL=4
--
5
--
BTL RL=6
--
14
--
Output power
PO
THD=1%
BTL RL=8
--
10
--
W
SE
--
0.1
0.5
Total Harmonic Distortion
THD
PO=1W
BTL
--
0.05
0.5
%
SE
25
26
27
Voltage Gain
Gv
BTL
31
32
33
dB
SE
40
60
--
Input Impedance
Zin
BTL
20
30
--
SE
--
150
--
Noise Output Voltage
Vn(o)
BTL
--
200
--
µV
(To be continued)


Similar Part No. - SA7347

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SA7 RECTRON-SA7 Datasheet
314Kb / 4P
   SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SA7 RECTRON-SA7 Datasheet
136Kb / 6P
   SURFACE MOUNT SILICON RECTIFIER
logo
Shanghai Semitech Semic...
SA7.0 SEMITECH-SA7.0 Datasheet
244Kb / 6P
   Uni-directional Versions Available
logo
Pan Jit International I...
SA7.0 PANJIT-SA7.0 Datasheet
110Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA7.0 PANJIT-SA7.0 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
More results

Similar Description - SA7347

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1908 STMICROELECTRONICS-TDA1908 Datasheet
208Kb / 12P
   8W AUDIO AMPLIFIER
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
logo
National Semiconductor ...
LM2879 NSC-LM2879 Datasheet
171Kb / 8P
   LM2879 Dual 8W Audio Amplifier
logo
Integrated Silicon Solu...
IS31AP2117 ISSI-IS31AP2117 Datasheet
282Kb / 9P
   8W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
CS8505E YONGFUKANG-CS8505E Datasheet
230Kb / 7P
   8W Mono Class AB Fully Differential Audio Power Amplifier
TDA7266SA YONGFUKANG-TDA7266SA Datasheet
226Kb / 5P
   Dual 8W Bridge Audio Amplifier Circuit - TDA7266SA
logo
Shenzhen Huazhimei Semi...
HM8872 HMSEMI-HM8872 Datasheet
408Kb / 8P
   8W single channel class F wide voltage audio power amplifier
logo
List of Unclassifed Man...
UPC1185H2 ETC2-UPC1185H2 Datasheet
46Kb / 1P
   Power Amplifier 5, 8W
logo
STMicroelectronics
TDA7497S STMICROELECTRONICS-TDA7497S Datasheet
179Kb / 7P
   8W8W15W TRIPLE AMPLIFIER
TDA7497SA STMICROELECTRONICS-TDA7497SA Datasheet
630Kb / 10P
   8W8W15W TRIPLE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com