Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA7454 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SA7454
Description  2횞6W AUDIO POWER AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7454 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SA7454 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA7454 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7454 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7454 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7454 Datasheet HTML 5Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SA7454
than:
(150
°C-50°C)/6W=16.7°C/W
For HSIP-9 package, the die-to-package thermal resistance is Rth(j-c) = 8
°C/W,then the package-to-ambient
thermal resistance should be lower than 8.7
°C/W. So we need heat sink to reduce the package-to-ambient
thermal resistance.
For DIP-18IH-300-2.54 package, the die-to-package thermal resistance is Rth(j-c) = 15
°C/W , then the
package-to-ambient thermal resistance should be lower than 1.7
°C/W,that will make heat sinking difficult, in
addition, DIP-18IH-300-2.54 can not add effective heat sink, so we need to reduce the power dissipation by
reducing load. For example, with a 8
Ω load, it can develop up to 3W of internal power dissipation, and the
package-to-ambient thermal resistance should be lower than:
(150
°C-50°C)/3W-15°C/W=18.3°C /W
The thermal requirements can become more difficult when SA7454 is driving a reactive load. As a general rule,
the power dissipation of an amplifier driving a 60º reactive load (usually considered to be a worst-case
loudspeaker load) will be roughly that of the same amplifier driving the resistive part of that load. For example, a
loudspeaker may at some frequency have an impedance with a magnitude of 8
Ω and a phase angle of 60º. The
real part of this load will then be 4
Ω, and the amplifier power dissipation equal to the power dissipation with a 4Ω
load.
TYPICAL APPLICATION CIRCUIT
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.10.21
Http://www.silan.com.cn
Page 4 of 5


Similar Part No. - SA7454

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SA741 POLYFET-SA741 Datasheet
36Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Silan Microelectronics ...
SA7411 SILAN-SA7411 Datasheet
90Kb / 4P
   1CH AUDIO POWER AMPLIFIER(1W)
SA7411S SILAN-SA7411S Datasheet
90Kb / 4P
   1CH AUDIO POWER AMPLIFIER(1W)
SA7412 SILAN-SA7412 Datasheet
138Kb / 6P
   2CH AUDIO POWER AMPLIFIER(1W X2)
logo
NXP Semiconductors
SA741C PHILIPS-SA741C Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
More results

Similar Description - SA7454

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
Fairchild Semiconductor
FJP5200 FAIRCHILD-FJP5200 Datasheet
565Kb / 5P
   Audio Power Amplifier
logo
Toshiba Semiconductor
TA7368 TOSHIBA-TA7368 Datasheet
381Kb / 10P
   AUDIO POWER AMPLIFIER
TA7376P TOSHIBA-TA7376P Datasheet
303Kb / 7P
   AUDIO POWER AMPLIFIER
logo
NEC
UPC1213C NEC-UPC1213C Datasheet
547Kb / 11P
   AUDIO POWER AMPLIFIER
logo
Mitsumi Electronics, Co...
MM3111 MITSUMI-MM3111 Datasheet
39Kb / 3P
   Audio Power Amplifier
logo
Fairchild Semiconductor
KSA1943 FAIRCHILD-KSA1943 Datasheet
65Kb / 4P
   Audio Power Amplifier
logo
SG Micro Corp
SGM4995 SGMICRO-SGM4995 Datasheet
312Kb / 11P
   Audio Power Amplifier
logo
List of Unclassifed Man...
XPT9305 ETC2-XPT9305 Datasheet
210Kb / 7P
   Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC6019 FUMAN-TC6019 Datasheet
1Mb / 20P
   Audio power amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com