Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA7527 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SA7527
Description  POWER FACTOR CORRECTION CONTROLLER OF CRITICAL DUCTING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7527 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA7527 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA7527 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7527 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7527 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7527 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7527 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA7527 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA7527 Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SA7527
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2005.07.22
Http: www.silan.com.cn
Page 2 of 8
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VCC
30
V
Peak Drive Output Current
IOH, IOL
±500
mA
Driver Output Clamping Diodes
VO>VCC or VO<-0.3V
Iclamp
±10
mA
Detector Clamping Diodes
Idet
±10
mA
Error Amp, Multiplier And
Comparator Input Voltage
Vin
-0.3 to 6
V
Operating Junction Temperature
Tj
150
°C
Operating Temperature Range
Topr
-25 to 125
°C
Storage Temperature Range
Tstg
-65 to 150
°C
Power Dissipation
Pd
0.8
W
TEMPERATURE CHARACTERISTICS
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Temperature Stability For Reference Voltage (Vref)
∆Vref
--
20
--
mV
Temperature Stability For Multiplier Gain (K)
∆K/∆T
--
-0.2
--
%/
°C
ELECTRICAL CHARACTERISTICS (Unless otherwise stated, VCC=14V, -25°C ≤Tamb≤125°C)
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Under Voltage Lockout Section
Start Threshold Voltage
Vth (st)
VCC increasing
10.5
11.5
12.5
V
UVLO Hysteresis
HY (st)
--
2
3
4
V
Supply Current Section
Start-Up Supply Current
Ist
VCC=Vth(st)-0.2
10
60
100
µA
Operating Supply Current
ICC
Output not switching
--
3
6
mA
Operating Current OVP
ICC(OVP)
Vinv=3V
--
1.7
4
mA
Dynamic Operating Supply Current
IDCC
50kHz, CI=1nF
--
4
8
mA
Error Amplifier Section
Iref=0mA, Tamb=25
°C
2.465
2.5
2.535
V
Voltage Feedback Input Threshold
Vref
-25
≤Tamb≤125°C
2.44
2.5
2.56
V
Line Regulation
∆Vref1
14V
≤VCC≤25V
--
0.1
10
mV
Temperature Stability Of Vref (note)
∆Vref3
-25
≤Tamb≤125°C
--
20
--
mV
Input Bias Current
Ib(ea)
--
-0.5
--
0.5
µA
Output Source Current
Isource
Vm2=4V
-2
-4
--
mA
Output Sink Current
Isink
Vm2=4V
2
4
--
mA
Output Upper Clamp Voltage (note)
Veao(H)
Isource=0.1mA
--
6
--
V
Output Lower Clamp Voltage (note)
Veao(L)
Isink=0.1mA
--
2.25
--
V
(To be continued)


Similar Part No. - SA7527

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA75 PANJIT-SA75 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Chongqing Pingwei Enter...
SA75 CHONGQING-SA75 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA75 FCI-SA75 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA75 TSC-SA75 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA75 WTE-SA75 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA7527

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
   Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
   Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com