Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC51D01F16A Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SC51D01F16A
Description  REMOTE CONTROL WITH BUILT-IN FLASH AND CODE SAMPLING FUNCTION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC51D01F16A Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC51D01F16A Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC51D01F16A Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC51D01F16A Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC51D01F16A Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC51D01F16A Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC51D01F16A Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC51D01F16A Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC51D01F16A Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC51D01F16A Datasheet HTML 13Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
SC51D01Fxx
S51 MCU
SC51D01Fxx series use S51 MCU compatible with MCS-51 instructions. Users can develop the software using
standard 805x assembler and compiler.
The difference between S51 MCU and standard 8051 lies in:
S51 MCU supports dual DPTR.
In the condition of the same external oscillator frequency, the instruction period of S51 MCU is
shorter than that of 8051.
S51 MCU supports two extended RAM.
S51 MCU’s MOVX A,@Ri and MOVX @Ri, A commands can only access 00H~FFH of on-chip
XRAM.
S51 MCU only supports 2 interrupt sources: the overflow interrupt of timer 0 and timer 1. The
interrupt vector is different from that of standard 8051.
S51 MCU only supports 2 working modes: normal working and standby modes. The working mode
control is also different from that of standard 8051.
RESET
SC51D01Fxx series has external reset, keying reset, power down reset and watchdog reset 4 reset sources.
Where, the external reset, keying reset and power down reset can make the chip awake from standby mode.
External rset
External reset is adding a no less than 10ms low level on pin nRST to make MCU reset.
Connect tandem resistor and capacitor to pin nRST to implement the power on reset of MCU, shown in Fig. 4:
Fig. 4– External reset and power on reset circuit
Keying reset
Keying reset means that when MCU is in standby mode, apply effective time of low level to any one or more
keyboard input ports among KI0~KI7 to make MCU reset. This is often used to awake the MCU by keying.
In normal working mode, applying low level to KI0~KI7 will not make the MCU reset.
Power down reset
When power down or VDD is dropped to less than 1.85V caused by power fluctuation, the low voltage detector
(LVD) will generate a reset signal to make MCU reset.If VDD returns to more than 1.95V, MCU will exit the reset
state, and enter normal working state.
Watchdog reset
The watchdog reset make MCU reset when the internal 20-bit counter (watchdog timer WDT) overflows. The
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.0
2007.12.03
Http:// www.silan.com.cn
Page 9 of 21


Similar Part No. - SC51D01F16A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC51-1 ETC2-SC51-1 Datasheet
1Mb / 9P
   Diamond Bonding and Grounding Hardware
SC51-1T ETC2-SC51-1T Datasheet
1Mb / 9P
   Diamond Bonding and Grounding Hardware
SC51-2 ETC2-SC51-2 Datasheet
1Mb / 9P
   Diamond Bonding and Grounding Hardware
SC51-CF ETC2-SC51-CF Datasheet
1Mb / 9P
   Diamond Bonding and Grounding Hardware
logo
Zowie Technology Corpor...
SC510 ZOWIE-SC510 Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SC51D01F16A

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TX3E FUMAN-TX3E Datasheet
134Kb / 5P
   Two-function remote control car IC built-in motor drive
logo
List of Unclassifed Man...
MN1871675 ETC1-MN1871675 Datasheet
33Kb / 2P
   REMOTE CONTROL DATA DETECTION CIRCUIT BUILT-IN
logo
Panasonic Semiconductor
MN101C47C PANASONIC-MN101C47C Datasheet
371Kb / 3P
   Remote control input discriminant circuit built-in
MN101C46F PANASONIC-MN101C46F Datasheet
362Kb / 3P
   Remote control input discriminant circuit built-in
logo
Rohm
BU92747XXX ROHM-BU92747XXX Datasheet
1Mb / 46P
   IrDA Controller LSI built-in Ir remote control
RPM973-H16 ROHM-RPM973-H16 Datasheet
97Kb / 3P
   Ultra-compact, Ultra-thin Top View FIR-compatible IrDA Module with Built-in Remote Control Transmission Function
logo
List of Unclassifed Man...
FLEX405 ETC2-FLEX405 Datasheet
362Kb / 4P
   Fire Alarm Control Panel with built-in DACT and remote-site upload/download capability
logo
Rohm
RPM973-H11 ROHM-RPM973-H11 Datasheet
129Kb / 3P
   Ultra-compact, Ultra-thin Side View FIR-compatible IrDA Module with Built-in Remote Control Transmission Function
logo
Gamewell-FCI by Honeywe...
F405 GAMEWELL-FCI-F405 Datasheet
101Kb / 4P
   Fire Alarm Control Panel with built-in DACT and remote-site upload/download capability
logo
Mitsubishi Electric Sem...
M58480P MITSUBISHI-M58480P Datasheet
241Kb / 4P
   30-FUNCTION REMOTE-CONTROL TRANSMITTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com