Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5104S Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC5104S
Description  FAN REMOTE CONTROL ENCODER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5104S Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC5104S Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5104S Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5104S Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5104S Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5104S Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5104S Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5104S Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SC5104
4.
Data out
Data code is output at Dout. When one key is pressed, high level is output at pin LED and data (four frames at
least) is output at Dout after 32ms delay. Data is continuously output if the key is kept pressed and there is 4
code interval between frames.
5.
Oscillator
Internal oscillator integrates advanced key-press start power saving function. The oscillator is in sleep mode
when there is no key pressed and there is no current; it only works when key is pressed. This is for power saving.
455KHz oscillator is connected to pins OSCI and OSCO for using.
6.
Key code table
Instruction code
Key No.
D0
D1
D2
D3
D4
D5
D6
K1
0
0
0
0
0
0
1
K2
0
0
0
0
0
1
0
K3
0
0
0
0
1
0
0
K4
0
0
0
1
0
0
0
K5
0
0
1
0
0
0
0
K6
0
1
0
0
0
0
0
K7
1
0
0
0
0
1
1
K8
1
0
0
00
1
1
0
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2009.05.05
Http: www.silan.com.cn
Page 4 of 8


Similar Part No. - SC5104S

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC5104S FUMAN-SC5104S Datasheet
268Kb / 7P
   Infrared fan control IC
More results

Similar Description - SC5104S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RBA5104 UTC-RBA5104 Datasheet
151Kb / 4P
   FAN REMOTE CONTROL ENCODER
RBA5104 UTC-RBA5104_15 Datasheet
151Kb / 4P
   FAN REMOTE CONTROL ENCODER
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
   Remote Control Encoder
logo
Princeton Technology Co...
PT2262 PTC-PT2262_08 Datasheet
462Kb / 20P
   Remote Control Encoder
logo
Silan Microelectronics ...
SC2268 SILAN-SC2268 Datasheet
104Kb / 6P
   REMOTE CONTROL ENCODER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com