Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC7107 Datasheet(PDF) 10 Page - Silan Microelectronics Joint-stock

Part # SC7107
Description  3 DIGITS, LCD/LED DISPLAY, A/D CONVERTERS FOR DMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7107 Datasheet(HTML) 10 Page - Silan Microelectronics Joint-stock

Back Button SC7107 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 14Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SC7106/7107
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2006.02.27
Http: www.silan.com.cn
Page 10 of 22
FIGURE 5. SIMPLE INVERTER FOR FIXED
DECIMAL POINT
FIGURE 6. EXCLUSIVE 'OR' GATE FOR DECIMAL
POINT DRIVE
The second function is a "lamp test". When TEST is pulled high (to V+) all segments will be turned on and the
display should read "1888". The TEST pin will sink about 15mA under these conditions.
NOTE: In the lamp test mode, the segments have a constant DC voltage (no square-wave). This may burn the
LCD display if maintained for extended periods.
9.DIGITAL SECTION
Figures 7 and 8 show the digital section for the SC7106 and SC7107, respectively. In the SC7106, an internal
digital ground is generated from a 6V Zener diode and a large P-Channel source follower. This supply is made
stiff to absorb the relative large capacitive currents when the back plane (BP) voltage is switched. The BP
frequency is the clock frequency divided by 800. For three readings/sec., this is a 60Hz square wave with a
nominal amplitude of 5V. The segments are driven at the same frequency and amplitude and are in phase with
BP when OFF, but out of phase when ON. In all cases negligible DC voltage exists across the segments.
Figures 8 is the Digital Section of the SC7107. It is identical to the SC7106 except that the regulated supply
and back plane drive have been eliminated and the segment drive has been increased from 2mA to 8mA, typical
for instrument size common anode LED displays. Since the 1000 output (pin 19) must sink current from two LED
segments it has twice the drive capability or 16mA.
In both devices, the polarity indication is "on" for negative analog inputs. If IN LO and IN HI are reversed, this
indication can be reversed also, if desired.


Similar Part No. - SC7107

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SC70 DIODES-SC70 Datasheet
426Kb / 15P
   0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Global Mixed-mode Techn...
SC70-3 GMT-SC70-3 Datasheet
127Kb / 1P
   Package Outline
SC70-4 GMT-SC70-4 Datasheet
128Kb / 1P
   Package Outline
logo
Zetex Semiconductors
SC70-5 ZETEX-SC70-5 Datasheet
195Kb / 3P
   Surface mounted, 5 pin package Package outline
logo
Global Mixed-mode Techn...
SC70-5 GMT-SC70-5 Datasheet
121Kb / 1P
   Package Outline
More results

Similar Description - SC7107

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC7001Q SILAN-SC7001Q Datasheet
1Mb / 16P
   3 DIGITS LCD DISPLAY, 3260-COUNT A/D FOR DMM
logo
ARTSCHIP ELECTRONICS CO...
ICL7106 ARTSCHIP-ICL7106 Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
logo
Intersil Corporation
ICL7106_0512 INTERSIL-ICL7106_0512 Datasheet
533Kb / 16P
   3쩍 Digit, LCD/LED Display, A/D Converters
logo
Unisonic Technologies
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
   3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
M7206 UTC-M7206_15 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
M7206 UTC-M7206 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com