Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC8204N3FL Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC8204N3FL
Description  FAN REMTORE CONTROL DECODER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8204N3FL Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC8204N3FL Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8204N3FL Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8204N3FL Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8204N3FL Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8204N3FL Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8204N3FL Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8204N3FL Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8204N3FL Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8204N3FL Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SC8204
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 4 of 9
PIN DESCRIPTION
SDIP-24
(1)
SDIP-24
(2)
Symbol
Function
--
1
LIGHT
Light control key input
1
2
DI
Remote control sensor input
2
3
OFF
OFF control key input, shared with LED scan output
3
4
TIMER
TIMER control key input and LED scan output
4
5
SPEED
SPEED key control input and LED scan output
5
6
MODE
Normal wind and LED scan output (fan operating, the LED will on;
fan stop, the LED will off.)
6
7
COM1
Consumer code C2 and LED scan common port
7
8
COM2
Consumer code C1 and LED scan common port
8
9
COM3
LED scan common port
9
10
SWING1
SWING1 key control input and consumer code select diode
connect port
10
11
SWING2
SWING2 key control input and consumer code select diode
connect port
11
12
SHO2
Swing2 drive output, level swing
14
13
SHO1
Swing1 drive output, level swing
15
14
FAN
Cold wind drive output ,for consumer select ( in working mode
one)
16
15
STR
Strong wind drive output
17
16
LOW
Low wind drive output
18
17
VDD
Positive power
12,13, 19
18
NC
NC
20
19
BUZ
Buzzer drive output
21
20
OSCO
22
21
OSCI
455kHz oscillator input/output port
23
22
SELECT
Working mode select pin ;
Connect Vss: mode one; non-connect: mode two.
24
23
VSS
Negative power
--
24
LTO
Light drive output


Similar Part No. - SC8204N3FL

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC820 SEMTECH-SC820 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
logo
SamHop Microelectronics...
SC8200 SAMHOP-SC8200 Datasheet
99Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Silan Microelectronics ...
SC8201 SILAN-SC8201 Datasheet
565Kb / 9P
   ONE-CELL LI BATTERY PROTECTION CIRCUIT
logo
SHENZHEN FUMAN ELECTRON...
SC8205 FUMAN-SC8205 Datasheet
329Kb / 3P
   20V N-Channel Enhancement MOS FET
More results

Similar Description - SC8204N3FL

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC8207 SILAN-SC8207 Datasheet
233Kb / 9P
   FAN REMOTE CONTROL DECODER USED TOGETHER
logo
ELMOS Semiconductor AG
E910.16 ELMOS-E910.16 Datasheet
118Kb / 1P
   Fan control
logo
Princeton Technology Co...
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
   Remote Control Decoder
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
   Fan Remote Control
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com