Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9200B Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC9200B
Description  DTMF GENERATOR WITH MICROPROCESSOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9200B Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC9200B Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9200B Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9200B Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9200B Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9200B Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9200B Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9200B Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9200B Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9200B Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SC9200
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.08.03
Http: www.silan.com.cn
Page 5 of 10
Figure 1
2. Parallel mode (SC9200B/BS)
The SC9200B/BS provides four data inputs D0~D3 to generate their corresponding DTMF signals. The
/P
S
has to be connected high to select the parallel operation mode. Then the input data codes should be
determined. Finally, the CE is connected low to transmit the DTMF signal from the DTMF pin.
The TDE time (about 6ms) will be delayed from the CE falling edge to the DTMF signal output.
The relationship between the digital codes and the tone output frequency is illustrated in Table 2. As for the
control timing diagram, see Fiigure 2.
When the system is operating in the parallel mode, D0~D3 are all in the floating state. Thus, these data
input pins should not float.
Table 2: Digits vs. input data vs. tone output frequency (parallel mode)
Digit
D3
D2
D1
D0
Tone Output Frequency
1
0
0
0
1
697+1209
2
0
0
1
0
697+1336
3
0
0
1
1
697+1477
4
0
1
0
0
770+1209
5
0
1
0
1
770+1336
6
0
1
1
0
770+1477
7
0
1
1
1
852+1209
8
1
0
0
0
852+1336
9
1
0
0
1
852+1477
0
1
0
1
0
941+1336
*
1
0
1
1
941+1209
#
1
1
0
0
941+1477
A
1
1
0
1
697+1633
B
1
1
1
0
770+1633
C
1
1
1
1
852+1633
D
0
0
0
0
941+1633


Similar Part No. - SC9200B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC9200B ETC-SC9200B Datasheet
124Kb / 9P
   DTMF GENERATORS
More results

Similar Description - SC9200B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV5087 ETC1-MV5087 Datasheet
93Kb / 6P
   DTMF GENERATOR
logo
Zarlink Semiconductor I...
MV5089 ZARLINK-MV5089 Datasheet
91Kb / 7P
   DTMF GENERATOR
logo
Ericsson
PBD3534 ERICSSON-PBD3534 Datasheet
437Kb / 6P
   DTMF Generator
logo
STMicroelectronics
PBD3535 STMICROELECTRONICS-PBD3535 Datasheet
501Kb / 8P
   DTMF Generator
logo
Motorola, Inc
MC68HC05F6 MOTOROLA-MC68HC05F6 Datasheet
82Kb / 3P
   MCU with DTMF/melody generator
logo
NXP Semiconductors
PCD3349A PHILIPS-PCD3349A Datasheet
141Kb / 20P
   8-bit microcontroller with DTMF generator
1998 May 11
logo
List of Unclassifed Man...
S2559F ETC1-S2559F Datasheet
394Kb / 9P
   DTMF Tone Generator
logo
NXP Semiconductors
PCD3344A PHILIPS-PCD3344A Datasheet
1Mb / 17P
   8-BIT MICROCONTROLLER WITH DTMF GENERATOR
1996 May 09
logo
United Monolithic Semic...
UM9204 UMS-UM9204 Datasheet
92Kb / 1P
   On-chip DTMF generator
logo
National Semiconductor ...
TP5089 NSC-TP5089 Datasheet
119Kb / 6P
   TP5089 DTMF (TOUCH-TONE) Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com