Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9318FA-033 Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SC9318FA-033
Description  DTS MICROCONTROLLER FOR PORTABLE RADIO RECEIVER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9318FA-033 Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC9318FA-033 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9318FA-033 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9318FA-033 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9318FA-033 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9318FA-033 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9318FA-033 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9318FA-033 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9318FA-033 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9318FA-033 Datasheet HTML 13Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
SC9318-033
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2003.05.20
Http: www.silan.com.cn
Page 9 of 29
(Continued)
Pin No.
Symbol
Description
60
VXT
61
VLCD
62
C1
63
C2
Voltage double boosting pin;
Voltage doubler boosting pin for driving the LCD.
A capacitor (0.1
µF Typ.) is connected to boost the voltage.
The VLCD pin outputs voltage (3.0V), which has been doubled from the constant
voltage (VEE: 1.5V) using the capacitors connected between C1 and C2. That
potential is supplied to the LCD drivers. If the internal VLCD OFF bit is set to “1”by
program, an external power supply can be input through the VLCD pin to drive the
LCD.
At this time, the VLCD/2 potential, whose VLCD voltage is divided using registers, is
output from the C2 pin.
64
VEE
Constant voltage supply pin;
1.5V constant voltage supply pin for driving the LCD.
A stabilizing capacitor (0.1
µF Typ.) is connected. This is a reference voltage for the
A/D converter, key input, and the LCD common output’
s bias potential.
Note: 1. When the device is reset (voltage higher than 1.8V, or when RESET =low→high), I/O ports are set to input,
the pins for I/O ports and additional functions (e.g., A/D converter) are set to I/O port input pins, while
the IFIN/IN pins become IF input pins.
2. When in PLL OFF mode (when the three bits in the internal reference ports all show “1”), the IFIN and
FMIN, AMIN pins are pulled down, and DO1 And DO2 are at high impedance.
3. When in CLOCK STOP mode (during execution of CKSTP instruction), the output port and the LCD
output pins are all at low level, while the constant voltage circuit (VEE), the voltage doubler circuit (VLCD),
and the power supply for the crystal oscillator (VXT) are all off.
4. When the device is being reset, the contents of the output ports and internal ports are undefined and
initialization by program is necessary.


Similar Part No. - SC9318FA-033

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9318FA SILAN-SC9318FA Datasheet
662Kb / 28P
   DIGITAL TUNING SYSTEM
More results

Similar Description - SC9318FA-033

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1021 SILAN-SA1021 Datasheet
186Kb / 6P
   FM RADIO RECEIVER FOR PORTABLE SYSTEM
logo
Toshiba Semiconductor
TC9327BFG TOSHIBA-TC9327BFG Datasheet
1Mb / 71P
   DTS Microcontroller (DTS-21)
TC9328AF TOSHIBA-TC9328AF Datasheet
1Mb / 84P
   Portable Audio DTS Controller (DTS-21)
TC9317F TOSHIBA-TC9317F Datasheet
6Mb / 77P
   DTS MICROCONTROLLER
TC9329AFAG TOSHIBA-TC9329AFAG Datasheet
1Mb / 83P
   Portable Audio DTS Controller (DTS-21)
TC9328AF TOSHIBA-TC9328AF_04 Datasheet
1,020Kb / 84P
   Portable Audio DTS Controller (DTS-21)
TC9329FA TOSHIBA-TC9329FA Datasheet
1Mb / 83P
   Portable Audio DTS Controller (DTS-21)
2001-07-24
logo
List of Unclassifed Man...
SI4705-D60-GM ETC2-SI4705-D60-GM Datasheet
199Kb / 2P
   Enhanced Broadcast FM Radio Receiver for Portable Applications
logo
Toshiba Semiconductor
TC9327F TOSHIBA-TC9327F Datasheet
3Mb / 80P
   DTS MICROCONTROLLER
TC9325F TOSHIBA-TC9325F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com